전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4240 데이터시트(PDF) 4 Page - Boca Semiconductor Corporation

부품명 2N4240
상세설명  COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOCA [Boca Semiconductor Corporation]
홈페이지  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N4240 데이터시트(HTML) 4 Page - Boca Semiconductor Corporation

  2N4240 Datasheet HTML 1Page - Boca Semiconductor Corporation 2N4240 Datasheet HTML 2Page - Boca Semiconductor Corporation 2N4240 Datasheet HTML 3Page - Boca Semiconductor Corporation 2N4240 Datasheet HTML 4Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
http://www.bocasemi.com


유사한 부품 번호 - 2N4240

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N4240 MOSPEC-2N4240 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
Seme LAB
2N4240 SEME-LAB-2N4240 Datasheet
17Kb / 2P
   NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE
logo
Microsemi Corporation
2N4240 MICROSEMI-2N4240 Datasheet
75Kb / 3P
   5 Amp, 500V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N4240 CENTRAL-2N4240 Datasheet
51Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N4240 NJSEMI-2N4240 Datasheet
362Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
More results

유사한 설명 - 2N4240

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE38 NTE-NTE38 Datasheet
29Kb / 3P
   Silicon Complementary Transistors High Voltage, Medium Power Switch
logo
Zetex Semiconductors
ZDT6757 ZETEX-ZDT6757 Datasheet
28Kb / 3P
   COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6753 ZETEX-ZDT6753 Datasheet
32Kb / 3P
   COMPLEMENTARY MEDIUM POWER TRANSISTORS
ZDT6718 ZETEX-ZDT6718 Datasheet
30Kb / 3P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT6790 ZETEX-ZDT6790 Datasheet
29Kb / 3P
   COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Boca Semiconductor Corp...
2N6315 BOCA-2N6315 Datasheet
172Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Comset Semiconductor
MJ4030 COMSET-MJ4030_12 Datasheet
79Kb / 3P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
MJ4030 COMSET-MJ4030 Datasheet
220Kb / 4P
   MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com