전자부품 데이터시트 검색엔진 |
|
SMAJ26CA 데이터시트(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd |
|
SMAJ26CA 데이터시트(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd |
2 / 8 page Circuit Protection System Page:1 Specifications are subject to change without notice. Please refer to http://www.ruilon.com for current information. Transient Voltage Suppressors - SMAJ Series Features Mechanical Characteristics Rating Symbol Value Units Peak Pulse Power Dissipation at TA=25°C by 10x1000μs test waveform (Fig.1)(Note 1),(Note 2) P PPM 600 Watts Power Dissipation on inifinite heat sink at TA=50°C P D 3.3 Watts Peak Forward Surge Current, 8.3ms Single Half Sine Wave(Note 3) IFSM 40 Amps Maximum Instantaneous Forward Voltage at 25A for Unidirectional only (Note 4) V F 3.5/5.0 V Operating junction and Storage Temperature Range. T J,TSTG -55°C to 150°C °C Typical Thermal Resistance Junction to Lead R uJL 30 °C/W Typical Thermal Resistance Junction to Ambient R uJA 150 °C/W Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum. 3. VF<3.5V for devices of VBR _< 200V and VF<5.0V for devices of VBR _> 201V. 1. Halogen-free 2. Rohs compliant 3. Typical maximum temperature coefficient 4. ΔVBR=0.1%xVBR@25°C x ΔT 5. Glass passivated Chip junction in DO-214AC package 6. 800W peak pulse capadility at 10x1000μs waveform,repetition rate (duty cycles):0.01% 7. Fast response time:typically less than 1.0ps from 0 Volts to BV min 8. Excellent clamping capability 9. Low incremental surge resistance 10. Typical IR less than 5μA above 11V 11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”, (9.5mm) lead length, 5lbs., (2.3kg)tension 12. Plastic package has underwriters laboratory flammability classification 94v-0 TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. UNI BI UNI BI Anode Cathode Applications |
유사한 부품 번호 - SMAJ26CA |
|
유사한 설명 - SMAJ26CA |