전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2834Q 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC2834Q
상세설명  High Efficiency Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC2834Q 데이터시트(HTML) 4 Page - Texas Instruments

  UC2834Q Datasheet HTML 1Page - Texas Instruments UC2834Q Datasheet HTML 2Page - Texas Instruments UC2834Q Datasheet HTML 3Page - Texas Instruments UC2834Q Datasheet HTML 4Page - Texas Instruments UC2834Q Datasheet HTML 5Page - Texas Instruments UC2834Q Datasheet HTML 6Page - Texas Instruments UC2834Q Datasheet HTML 7Page - Texas Instruments UC2834Q Datasheet HTML 8Page - Texas Instruments UC2834Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PARAMETER
TEST CONDITIONS
UC1834
UC2834
UC3834
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Current Sense Amplifier Section
Threshold Voltage
Pin 4 Open, VCM = VIN+ or VIN
130
150
170
120
150
180
mV
Pin 4 = 0.5V, VCM = VIN+ or VIN
40
50
60
30
50
70
Threshold Supply Sensitivity
Pin 4 Open, VCM = VIN
−, VIN+ = 5 to 35V
−0.1
−0.3
−0.1
−0.5
%/V
Adj. Input Current
Pin 4 = 0.5V
−2
−10
−2
−10
µA
Sense Input Bias Current
VCM = VIN+
100
200
100
200
µA
VCM = VIN
−−100 −200
−100 −200
UC1834
UC2834
UC3834
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA=
−55°C to +125°C
for the UC1834,
−40°C to +85°C for the UC2834, and 0°C to +70°C for the
UC3834. VIN+ = 15V, VIN
= 0V. TA = TJ
Differential Voltage at Current Sense
Inputs - mV (reference to sense
− input)
Current Sense Threshold Adjustment
Current Limiting Knee Characteristics
Error Amplifier Gain and Phase
Frequency Response
Current Sense Amplifier Gain and Phase
Frequency Response
4


유사한 부품 번호 - UC2834Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2834Q TI-UC2834Q Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC2834QTR TI-UC2834QTR Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
More results

유사한 설명 - UC2834Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
logo
Torex Semiconductor
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com