전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCRNLA06G0101B0E 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MCRNLA06G0101B0E
상세설명  Thick Film Chip Resistors MCRNL Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MCRNLA06G0101B0E 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MCRNLA06G0101B0E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCRNLA06G0101B0E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCRNLA06G0101B0E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCRNLA06G0101B0E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCRNLA06G0101B0E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Chip Resistors
MCRNL Series
Page <1>
06/09/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications:
Temperature coefficient
: 50
Ω to 1 MΩ
: ±200 PPM/°C
< 50
Ω and > 1 MΩ : ±250 PPM/°C
Maximum short time overload
: ± (0.5% + 0.1
Ω)
Minimum insulation resistance
:10,000 Mega Ohm
Dielectric withstanding voltage
: No evidence of flashover, mechanical damage, arcing or insulation breakdown
Maximum terminal strength
: ± (0.5% + 0.1
Ω)
Maximum resistance to soldering heat
: ± (0.5% + 0.1
Ω)
Minimum solderability
: 95% coverage
Maximum thermal shock
: ± (0.5% + 0.1
Ω)
Maximum temperature cycling
: ± (0.5% + 0.1
Ω)
Maximum load life in humidity
: ± (3% + 0.1
Ω)
Maximum load life
: ± (3% + 0.1
Ω)
Features:
• High reliability with RUO2 paste
• Miniature, high density packaging
• Combination of different ohmic values are available
Single Common
Dimension
Isolated
A
B
Dimensions : Millimetres
Derating Curve
Ambient Temperature (°C)
Dual Value (R1 / R2) (Ohm)
160 / 240
330 / 390
180 / 390
330 / 470
220 / 270
1.5 K / 3.3 K
220 / 330
3 K / 6.2 K


유사한 부품 번호 - MCRNLA06G0101B0E

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
MCRN100-6 JIANGSU-MCRN100-6 Datasheet
471Kb / 4P
   Plastic-Encapsulate Thyristors
MCRN100-8 JIANGSU-MCRN100-8 Datasheet
471Kb / 4P
   Plastic-Encapsulate Thyristors
More results

유사한 설명 - MCRNLA06G0101B0E

제조업체부품명데이터시트상세설명
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com