전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCRNLA06G0103B0E 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 MCRNLA06G0103B0E
상세설명  Thick Film Chip Resistors MCRNL Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MCRNLA06G0103B0E 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  MCRNLA06G0103B0E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCRNLA06G0103B0E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCRNLA06G0103B0E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCRNLA06G0103B0E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCRNLA06G0103B0E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Thick Film Chip Resistors
MCRNL Series
Page <2>
06/09/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Type
Power
Rating
at 70°C
Operating
Temperature
Range
Maximum
Working
Voltage
Maximum
Overload
Voltage
Dielectric
Withstanding
Voltage
Tolerance
%
Resistance
Range
B Type
0.2 W
-550 to +125°C
100 V
150 V
200 V
±2%
R-Type
100
Ω to 10KΩ
Other
0.125 W
±5%
Others:
10
Ω to 1MΩ
Type
L
(Maximum)
H
(Maximum)
T
(Maximum) C
d ±0.1
f ±0.2
5 pins
12.7
5.08
2.5
3.2
0.5
2.54
6 pins
15.3
8 pins
20.4
9 pins
22.9
10 pins
25.4
+0.3
-0.2
Marking (Single Value)
Marking (Dual Value)
Part Number Table
Description
Part Number
Resistor, Network, 10K, 2%, 1/8W
MCRNLA05G0103B0E
Resistor, Network, 100R, 2%, 1/8W
MCRNLA06G0101B0E
Resistor, Network, 220R, 2%, 1/8W
MCRNLA06G0221B0E
Resistor, Network, 1K, 2%, 1/8W
MCRNLA06G0102B0E
Resistor, Network, 4K7, 2%, 1/8W
MCRNLA06G0472B0E
Resistor, Network, 10K, 2%, 1/8W
MCRNLA06G0103B0E
Resistor, Network, 22K, 2%, 1/8W
MCRNLA06G0223B0E
Resistor, Network, 100K, 2%, 1/8W
MCRNLA06G0104B0E


유사한 부품 번호 - MCRNLA06G0103B0E

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
MCRN100-6 JIANGSU-MCRN100-6 Datasheet
471Kb / 4P
   Plastic-Encapsulate Thyristors
MCRN100-8 JIANGSU-MCRN100-8 Datasheet
471Kb / 4P
   Plastic-Encapsulate Thyristors
More results

유사한 설명 - MCRNLA06G0103B0E

제조업체부품명데이터시트상세설명
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com