전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34919C-Q1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM34919C-Q1
상세설명  LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34919C-Q1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM34919C-Q1 Datasheet HTML 6Page - Texas Instruments LM34919C-Q1 Datasheet HTML 7Page - Texas Instruments LM34919C-Q1 Datasheet HTML 8Page - Texas Instruments LM34919C-Q1 Datasheet HTML 9Page - Texas Instruments LM34919C-Q1 Datasheet HTML 10Page - Texas Instruments LM34919C-Q1 Datasheet HTML 11Page - Texas Instruments LM34919C-Q1 Datasheet HTML 12Page - Texas Instruments LM34919C-Q1 Datasheet HTML 13Page - Texas Instruments LM34919C-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
15
20
25
30
35
40
±50
±25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (|C)
C006
Vin = 12V
0
5
10
15
20
25
30
±50
±25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (|C)
Vin = 8V
Vin = 4.5V
C009
3.00
3.25
3.50
3.75
4.00
4.25
4.50
±50
±25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (|C)
Vin Increasing
Vin Decreasing
C003
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
±50
±25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (|C)
Vin = 12V
Vin = 4.5V
C005
9.0
9.5
10.0
10.5
11.0
11.5
±50
±25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (|C)
C001
VIN = 12V
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
±50
±25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (|C)
C008
Vin = 12V
LM34919C-Q1
SNVS831A – SEPTEMBER 2013 – REVISED DECEMBER 2013
www.ti.com
Typical Performance Characteristics (continued)
Soft-Start Current vs. Temperature
Operating Current vs. Temperature
VCC UVLO at Vin vs. Temperature
VCC Voltage vs. Temperature
VCC Current Limit vs. Temperature
VCC Output Impedence vs. Temperature
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM34919C-Q1


유사한 부품 번호 - LM34919C-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
LM34919 NSC-LM34919 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results

유사한 설명 - LM34919C-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com