전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ31506RUQR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ31506RUQR
상세설명  6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506RUQR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LMZ31506RUQR Datasheet HTML 5Page - Texas Instruments LMZ31506RUQR Datasheet HTML 6Page - Texas Instruments LMZ31506RUQR Datasheet HTML 7Page - Texas Instruments LMZ31506RUQR Datasheet HTML 8Page - Texas Instruments LMZ31506RUQR Datasheet HTML 9Page - Texas Instruments LMZ31506RUQR Datasheet HTML 10Page - Texas Instruments LMZ31506RUQR Datasheet HTML 11Page - Texas Instruments LMZ31506RUQR Datasheet HTML 12Page - Texas Instruments LMZ31506RUQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
Output Current (A)
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
VOUT = 0.6 V,fSW = 250 kHz
G000
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
Natural Convection
All Output Voltages
G000
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
VOUT = 0.6V, fSW = 250 kHz
G000
0
10
20
30
40
50
60
0
1
2
3
4
5
6
Output Current (A)
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
VOUT = 0.6 V,fSW = 250 kHz
G000
LMZ31506
www.ti.com
SNVS993 – JUNE 2013
TYPICAL CHARACTERISTICS (PVIN = VIN = 5 V) (1) (2)
Figure 6. Efficiency vs. Output Current
Figure 7. Voltage Ripple vs. Output Current
Figure 8. Power Dissipation vs. Output Current
Figure 9. Safe Operating Area
Figure 10. VOUT= 1.8 V, IOUT= 6 A, COUT1= 200 µF ceramic, fSW=480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 6, Figure 7, and Figure 8.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 9.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ31506


유사한 부품 번호 - LMZ31506RUQR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31506RUQR TI1-LMZ31506RUQR Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results

유사한 설명 - LMZ31506RUQR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com