전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSD-D0O042-001 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 KSD-D0O042-001
상세설명  300V, 20A ULTRAFAST DUAL RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSD-D0O042-001 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  KSD-D0O042-001 Datasheet HTML 1Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 2Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 3Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 4Page - KODENSHI_AUK CORP. KSD-D0O042-001 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0O042-001
1
SF20A300HZ2
Ultrafast Recovery Rectifier
300V, 20A ULTRAFAST DUAL RECTIFIERS
Features
Low forward voltage drop and leakage current
Ultrafast reverse recovery time (trr<30ns)
Low power loss and high efficiency
Dual common cathode rectifier construction
Full lead (Pb)-free and RoHS compliant device
Applications
Switching power supply
Power inverters
Free-wheeling diode
Power conversion system
Motor drives
Description
The SF20A300HZ2 is an ultrafast rectifier. It has a low forward voltage drop and reverse recovery time
(trr<30ns). The device is intended for use as a free wheeling, clamping rectifier in a variety of switching
power supplies and other power switching applications.
Ordering Information
Device
Marking Code
Package
Packaging
SF20A300HZ2
SF20A300H
TO-220F-3L
(Z2 Forming)
Tube
Marking Information
AUK = Manufacture Logo
Δ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. DD = Daily Code
SF20A300H = Specific Device Code
Product Characteristics
IF(AV)
2 x 10A
VRRM
300V
VFM @ Tj=125℃
0.95V (Max.)
trr
30ns
1
3
2
Pin 1, 3 : Anode
Pin 2 : Cathode
TO-220F-3L
(Z2 Forming)
1
3
2
AUK
△YMDD
SF20A300H


유사한 부품 번호 - KSD-D0O042-001

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
More results

유사한 설명 - KSD-D0O042-001

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HZ2 KODENSHI-SF20A300HZ2 Datasheet
226Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HPI-1 KODENSHI-SF20A300HPI-1 Datasheet
295Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A300HPI KODENSHI-SF20A300HPI Datasheet
295Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF10A300HPR-1 KODENSHI-SF10A300HPR-1 Datasheet
289Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10D300D2 KODENSHI-SF10D300D2 Datasheet
256Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPR KODENSHI-SF10A300HPR Datasheet
289Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
301Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10D300D2-1 KODENSHI-SF10D300D2-1 Datasheet
256Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
284Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com