์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BS616LV2010 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Brilliance Semiconductor

๋ถ€ํ’ˆ๋ช… BS616LV2010
์ƒ์„ธ๋‚ด์šฉ  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  BSI [Brilliance Semiconductor]
ํ™ˆํŽ˜์ด์ง€  
Logo 

BS616LV2010 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Brilliance Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 4 / 9 page
background image
Revision 2.2
April. 2001
4
R0201-BS616LV2010
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616LV2010-70
MIN. TYP. MAX.
BS616LV2010-10
MIN. TYP. MAX.
UNIT
t
AVAX
Read Cycle Time
t
RC
70
--
--
100
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
100
ns
t
ELQV
t
ACS
Chip Select Access Time
(CE)
--
--
70
--
--
100
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,U )
-
B
-
--
40
--
--
50
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
50
--
--
60
ns
t
E1LQX
t
CLZ
Chip Select to Output Low Z
(CE)
10
--
--
15
--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z
(LB,UB)
10
--
--
15
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
15
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
(CE)
0
--
35
0
--
40
ns
t
BDO
t
BDO
Data Byte Control to Output High Z
(LB,UB)
0
--
30
0
--
35
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
35
ns
t
AXOX
t
OH
Output Disable to Address Change
10
--
--
15
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 3.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CAR
ANY CHANG
PERMITTED
E:
CHANGE :
E
STATE
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
โ€OFF โ€STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
โ‰ฅ
CE
Vcc - 0.2V
โ‰ฅ
BSI
BS616LV2010
โ„ฆ
667
THEVENIN EQUIVALENT
ALL INPUT PULSES
โ†’
10%
โ†
90%
Vcc
GND
โ†’
โ† 5ns
90%
10%
1.73V
OUTPUT
FIGURE 2
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
โ„ฆ
1269
โ„ฆ
1404
5PF
FIGURE 1B
3.3V
INCLUDING
JIG AND
SCOPE
โ„ฆ
1269
โ„ฆ
100PF
FIGURE 1A
1404
OUTPUT


Html Pages

1  2  3  4  5  6  7  8  9 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
BS62LV1025Very Low Power/Voltage CMOS SRAM 128K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2011Very Low Power/Voltage CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2012Very Low Power/Voltage CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2013Very Low Power/Voltage CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2015Very Low Power/Voltage CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2018Very Low Power/Voltage CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2020Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV1028Very Low Power/Voltage CMOS SRAM 128K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2021Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn