์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BS616LV2021 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Brilliance Semiconductor

๋ถ€ํ’ˆ๋ช… BS616LV2021
์ƒ์„ธ๋‚ด์šฉ  Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  BSI [Brilliance Semiconductor]
ํ™ˆํŽ˜์ด์ง€  
Logo 

BS616LV2021 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Brilliance Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 4 / 11 page
background image
Revision 2.4
April 2002
4
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP.(1) MAX.
UNITS
Vcc=3V
VIL
Guaranteed Input Low
Voltage(2)
Vcc=5V
-0.5
--
0.8
V
Vcc=3V
2.0
VIH
Guaranteed Input High
Voltage(2)
Vcc=5V
2.2
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN= 0V to Vcc
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE1 = VIH or CE2=VIL or OE = VIH,
VI/O = 0V to Vcc
--
--
1
uA
Vcc=3V
VOL
Output Low Voltage
= 2mA
Vcc = Max, IOL
Vcc=5V
--
--
0.4
V
Vcc=3V
VOH
Output High Voltage
= -1mA
Vcc = Min, IOH
Vcc=5V
2.4
--
--
V
Vcc=3V
--
--
20
ICC
Operating Power Supply
Current
Vcc = Max, CE1= VIL
= 0mA, F =
, CE2=VIH
IDQ
Fmax(3)
Vcc=5V
--
--
40
mA
Vcc=3V
--
--
0.5
ICCSB
Standby Current-TTL
Vcc = Max, CE1 = VIH
IDQ = 0mA
or CE2=VIL
Vcc=5V
--
--
1
mA
Vcc=3V
--
0.1
0.7
ICCSB1
Standby Current-CMOS
Vcc = Max, CE1
CE2 0.2V,
Other inputs
Vcc - 0.2V or
0.2V
Vcc=5V
--
Vcc-0.2V or
VIN
0.6
6
uA
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DC ELECTRICAL CHARACTERISTICS (TA = 0oC to +70oC)
BSI
BS616LV2021
R0201-BS616LV2021


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn