전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD057VUB 데이터시트(PDF) 9 Page - AZ Displays

부품명 PD057VUB
상세설명  color TFT LCD module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VUB 데이터시트(HTML) 9 Page - AZ Displays

Back Button PD057VUB Datasheet HTML 5Page - AZ Displays PD057VUB Datasheet HTML 6Page - AZ Displays PD057VUB Datasheet HTML 7Page - AZ Displays PD057VUB Datasheet HTML 8Page - AZ Displays PD057VUB Datasheet HTML 9Page - AZ Displays PD057VUB Datasheet HTML 10Page - AZ Displays PD057VUB Datasheet HTML 11Page - AZ Displays PD057VUB Datasheet HTML 12Page - AZ Displays PD057VUB Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
3'98%
7KH LQIRUPDWLRQ FRQWDLQHG KHUHLQ LV WKH H[FOXVLYH SURSHUW\ RI 3ULPH 9LHZ ,QWHUQDWLRQDO &R /WG DQG VKDOO QRW EH
GLVWULEXWHG UHSURGXFHG RU GLVFORVHG LQ ZKROH RU LQ SDUW ZLWKRXW SULRU ZULWWHQ SHUPLVVLRQ RI 3ULPH 9LHZ ,QWHUQDWLRQDO &R
/WG
3DJH
1RWH  :H VWURQJO\ VXJJHVWWRIROORZ DERYHGHVLJQJXLGHWRDYRLG WKHOLQHDUGHIHFWKDSSHQHGRQ
WKH WRXFK SDQHO
$EVROXWH 0D[LPXP 5DWLQJV
*1' 9 7D 
3DUDPHWHUV
6\PERO
&RQGLWLRQ
0$;
8QLW
5HPDUN
,QSXW 9ROWDJH
9,
7D 
a
9
1RWH
9 VXSSO\ YROWDJH
9&&
7D 
a
9
1RWH&.5a5*a*%a%+V\QF9V\QF(1$%5/8'94
(OHFWULFDO &KDUDFWHULVWLFV
 5HFRPPHQGHG 2SHUDWLQJ &RQGLWLRQV
*1' 9 7D 
,WHP
6\PERO
0LQ
7\S
0D[
8QLW
5HPDUN
9 6XSSO\ 9ROWDJH
9&&



9
3HUPLVVLYH LQSXW ULSSOH YROWDJH
95)


 P9SS 9&& 9
,QSXWYROWDJH /RZ
9,/


 9&&
9
,QSXWYROWDJH +LJK
9,+
 9&&

9&&
9
P-511-541(V:2)


유사한 부품 번호 - PD057VUB

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU5 AZDISPLAYS-PD057VU5 Datasheet
447Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
More results

유사한 설명 - PD057VUB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com