전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD25310Q2 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD25310Q2
상세설명  CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25310Q2 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CSD25310Q2 Datasheet HTML 2Page - Texas Instruments CSD25310Q2 Datasheet HTML 3Page - Texas Instruments CSD25310Q2 Datasheet HTML 4Page - Texas Instruments CSD25310Q2 Datasheet HTML 5Page - Texas Instruments CSD25310Q2 Datasheet HTML 6Page - Texas Instruments CSD25310Q2 Datasheet HTML 7Page - Texas Instruments CSD25310Q2 Datasheet HTML 8Page - Texas Instruments CSD25310Q2 Datasheet HTML 9Page - Texas Instruments CSD25310Q2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M0165-01
D
1
1
3
3
4
4
6
6
b
TopView
BottomView
FrontView
Pin1Dot
Pin1ID
e
D1
K3
K1
D2
K2
2
5
2
5
CSD25310Q2
SLPS459 – JANUARY 2014
www.ti.com
MECHANICAL DATA
Q2 Package Dimensions
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.700
0.750
0.800
0.028
0.030
0.032
A1
0.000
0.050
0.000
0.002
b
0.250
0.300
0.350
0.010
0.012
0.014
C
0.203 TYP
0.008 TYP
D
2.000 TYP
0.080 TYP
D1
0.900
0.950
1.000
0.036
0.038
0.040
D2
0.300 TYP
0.012 TYP
E
2.000 TYP
0.080 TYP
E1
0.900
1.000
1.100
0.036
0.040
0.044
E2
0.280 TYP
0.0112 TYP
E3
0.470 TYP
0.0188 TYP
e
0.650 TYP
0.026 TYP
K
0.280 TYP
0.0112 TYP
K1
0.350 TYP
0.014 TYP
K2
0.200 TYP
0.008 TYP
K3
0.200 TYP
0.008 TYP
K4
0.470 TYP
0.0188 TYP
L
0.200
0.25
0.300
0.008
0.010
0.012
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD25310Q2


유사한 부품 번호 - CSD25310Q2

제조업체부품명데이터시트상세설명
logo
Zhaoxingwei Electronics...
CSD25310Q2 ZHAOXINGWEI-CSD25310Q2 Datasheet
288Kb / 5P
   Power Management Switch Applications
logo
Texas Instruments
CSD25310Q2 TI1-CSD25310Q2 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD25310Q2T TI1-CSD25310Q2T Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD25310Q2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
[Old version datasheet]   20-V N-Channel NexFET Power MOSFETs
CSD25401Q3 TI1-CSD25401Q3 Datasheet
392Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
[Old version datasheet]   Dual 20 V N-Channel NexFET Power MOSFETs
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com