전자부품 데이터시트 검색엔진 |
|
BC847UF 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP. |
|
BC847UF 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP. |
2 / 3 page KST-3041-001 2 BC847UF Absolute maximum ratings (Ta=25 °C) Characteristic Symbol Ratings Unit Collector-Base voltage VCBO 50 V Collector-Emitter voltage VCEO 45 V Emitter-base voltage VEBO 5 V Collector current IC 100 mA Collector dissipation PC 200 mW Junction temperature Tj 150 °C Storage temperature Tstg -55~150 °C Electrical Characteristics (Ta=25 °C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Collector-Emitter breakdown voltage BVCEO IC=1mA, IB=0 45 - - V Base-Emitter turn on voltage VBE(ON) VCE=5V, IC=2mA 550 - 700 mV Base-Emitter saturation voltage VBE(sat) IC=100mA, IB=5mA - 900 - mV Collector-Emitter saturation voltage VCE(sat) IC=100mA, IB=5mA - - 600 mV Collector cut-off current ICBO VCB=35V, IE=0 - - 15 nA DC current gain hFE * VCE=5V, IC=2mA 110 - 800 - Transition frequency fT VCE=5V, IC=10mA f=100MHz - 150 - MHz Collector output capacitance Cob VCB=10V, IE=0, f=1MHz - - 4.5 pF Noise figure NF VCE=5V, IC=200µA, f=1KHz, Rg=2KΩ - - 10 dB * : hFE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800 |
유사한 부품 번호 - BC847UF |
|
유사한 설명 - BC847UF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |