전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BS616UV4010 데이터시트(PDF) 2 Page - Brilliance Semiconductor

부품명 BS616UV4010
상세설명  Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BSI [Brilliance Semiconductor]
홈페이지  
Logo BSI - Brilliance Semiconductor

BS616UV4010 데이터시트(HTML) 2 Page - Brilliance Semiconductor

  BS616UV4010 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4010 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Revision 2.4
April 2002
2
R0201-BS616UV4010
Name
Function
A0-A17 Address Input
These 18 address inputs select one of the 262,144 x 16-bit words in the RAM.
CE Chip Enable Input
CE is active LOW. Chip enables must be active when data read from or write to the
device. if chip enable is not active, the device is deselected and is in a standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
DQ0 - DQ15 Data Input/Output
These 16 bi-directional ports are used to read data from or write data into the RAM.
Ports
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
BSI
BS616UV4010
MODE
CE
WE
OE
LB
UB
DQ0~DQ7
DQ8~DQ15
Vcc CURRENT
Not selected
(Power Down)
H
X
X
X
X
High Z
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
X
X
High Z
High Z
ICC
L
L
Dout
Dout
ICC
H
L
High Z
Dout
ICC
Read
L
H
L
L
H
Dout
High Z
ICC
L
L
Din
Din
ICC
H
L
X
Din
ICC
Write
L
L
X
L
H
Din
X
ICC


유사한 부품 번호 - BS616UV4010

제조업체부품명데이터시트상세설명
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016 BSI-BS616UV4016 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016AC BSI-BS616UV4016AC Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AC-10 BSI-BS616UV4016AC-10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
More results

유사한 설명 - BS616UV4010

제조업체부품명데이터시트상세설명
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com