전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4469MOE713 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC4469MOE713
상세설명  Logic-Input CMOS Quad Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4469MOE713 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC4469MOE713 Datasheet HTML 5Page - Microchip Technology TC4469MOE713 Datasheet HTML 6Page - Microchip Technology TC4469MOE713 Datasheet HTML 7Page - Microchip Technology TC4469MOE713 Datasheet HTML 8Page - Microchip Technology TC4469MOE713 Datasheet HTML 9Page - Microchip Technology TC4469MOE713 Datasheet HTML 10Page - Microchip Technology TC4469MOE713 Datasheet HTML 11Page - Microchip Technology TC4469MOE713 Datasheet HTML 12Page - Microchip Technology TC4469MOE713 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 9
TC4467/TC4468/TC4469
4.0
DETAILED DESCRIPTION
4.1
Supply Bypassing
Large currents are required to charge and discharge
large capacitive loads quickly. For example, charging a
1000 pF load to 18 V in 25 nsec requires 0.72 A from
the device's power supply.
To ensure low supply impedance over a wide frequency
range, a 1 µF film capacitor in parallel with one or two
low-inductance, 0.1 µF ceramic disk capacitors with
short lead lengths (<0.5 in.) normally provide adequate
bypassing.
4.2
Grounding
The TC4467 and TC4469 contain inverting drivers.
Potential drops developed in common ground
impedances from input to output will appear as
negative feedback and degrade switching speed
characteristics. Instead, individual ground returns for
input and output circuits, or a ground plane, should be
used.
4.3
Input Stage
The input voltage level changes the no-load or
quiescent supply current. The N-channel MOSFET
input stage transistor drives a 2.5 mA current source
load. With logic “0” outputs, maximum quiescent supply
current is 4 mA. Logic “1” output level signals reduce
quiescent current to 1.4 mA, maximum. Unused driver
inputs must be connected to VDD or VSS. Minimum
power dissipation occurs for logic “1” outputs.
The drivers are designed with 50 mV of hysteresis,
which provides clean transitions and minimizes output
stage current spiking when changing states. Input volt-
age thresholds are approximately 1.5 V, making any
voltage greater than 1.5 V, up to VDD, a logic “1” input.
Input current is less than 1 µA over this range.
4.4
Power Dissipation
The supply current versus frequency and supply
current versus capacitive load characteristic curves will
aid in determining power dissipation calculations.
Microchip Technology's CMOS drivers have greatly
reduced quiescent DC power consumption.
Input signal duty cycle, power supply voltage and load
type influence package power dissipation. Given power
dissipation and package thermal resistance, the maxi-
mum ambient operating
temperature is
easily
calculated. The 14-pin plastic package junction-to-
ambient thermal resistance is 83.3°C/W. At +70°C, the
package is rated at 800 mW maximum dissipation.
Maximum allowable chip temperature is +150°C.
Three components make up total package power
dissipation:
1.
Load-caused dissipation (PL).
2.
Quiescent power (PQ).
3.
Transition power (PT).
A capacitive-load-caused dissipation (driving MOSFET
gates), is a direct function of frequency, capacitive load
and supply voltage. The power dissipation is:
EQUATION
A
resistive-load-caused
dissipation
for
ground-
referenced loads is a function of duty cycle, load
current and load voltage. The power dissipation is:
EQUATION
PL
fCVS
2
=
VS
Supply Voltage
=
C
Capacitive Load
=
f
Switching Frequency
=
PL
DVS VL
()IL
=
IL
Load Current
=
DDuty Cycle
=
VS
Supply Voltage
=
VL
Load Voltage
=


유사한 부품 번호 - TC4469MOE713

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4469MJD TELCOM-TC4469MJD Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
More results

유사한 설명 - TC4469MOE713

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
   Logic-Input CMOS Quad Drivers
2002
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
   Logic-Input CMOS Quad Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
   LOGIC-INPUT CMOS QUAD DRIVERS
logo
Microchip Technology
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
   Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com