전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1221E 데이터시트(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC1221E
상세설명  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1221E 데이터시트(HTML) 3 Page - Burr-Brown (TI)

  DAC1221E Datasheet HTML 1Page - Burr-Brown (TI) DAC1221E Datasheet HTML 2Page - Burr-Brown (TI) DAC1221E Datasheet HTML 3Page - Burr-Brown (TI) DAC1221E Datasheet HTML 4Page - Burr-Brown (TI) DAC1221E Datasheet HTML 5Page - Burr-Brown (TI) DAC1221E Datasheet HTML 6Page - Burr-Brown (TI) DAC1221E Datasheet HTML 7Page - Burr-Brown (TI) DAC1221E Datasheet HTML 8Page - Burr-Brown (TI) DAC1221E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
DAC1221
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ABSOLUTE MAXIMUM RATINGS(1)
AVDD to DVDD ................................................................................... ±0.3V
AVDD to AGND ........................................................................ –0.3V to 4V
DVDD to DGND ....................................................................... –0.3V to 4V
AGND to DGND ...............................................................................
±0.3V
VREF Voltage to AGND .......................................................... 1.0V to 1.5V
Digital Input Voltage to DGND .............................. –0.3V to DVDD + 0.3V
Digital Output Voltage to DGND ........................... –0.3V to DVDD + 0.3V
Package Power Dissipation ............................................. (TJMAX – TA)/θJA
Maximum Junction Temperature (TJMAX) ..................................... +150°C
Thermal Resistance,
θ
JA
SSOP-16 ............................................................................... 200
°C/W
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
SSOP
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1DVDD
Digital Supply, +3V nominal
2XOUT
Digital, System Clock Output
3XIN
Digital, System Clock Input
4
DGND
Digital Ground
5AVDD
Analog Supply, +3V nominal
6
DNC
Do Not Connect
7C3
Analog, Filter Capacitor
8C2B
Analog, Filter Capacitor
9C1
Analog, Filter Capacitor
10
C2A
Analog, Filter Capacitor
11
VOUT
Analog Output Voltage
12
VREF
Analog, Reference Input
13
AGND
Analog Ground
14
CS
Digital, Chip Select Input
15
SDIO
Digital, Serial Data Input/Output
16
SCLK
Digital, Clock Input for Serial Data Transfer
1
2
3
4
5
6
7
8
DV
DD
X
OUT
X
IN
DGND
AV
DD
DNC
C
3
C
2B
SCLK
SDIO
CS
AGND
V
REF
V
OUT
C
2A
C
1
16
15
14
13
12
11
10
9
DAC1221E
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
DAC1221E
SSOP-16
322
–40
°C to +85°C
DAC1221E
DAC1221E
Rails
"
"
"
"
"
DAC1221E/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “DAC1221E/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION


유사한 부품 번호 - DAC1221E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC1221E TI1-DAC1221E Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
DAC1221EG4 TI1-DAC1221EG4 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC1221E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com