전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC4815 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC4815
상세설명  Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4815 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  DAC4815 Datasheet HTML 1Page - Burr-Brown (TI) DAC4815 Datasheet HTML 2Page - Burr-Brown (TI) DAC4815 Datasheet HTML 3Page - Burr-Brown (TI) DAC4815 Datasheet HTML 4Page - Burr-Brown (TI) DAC4815 Datasheet HTML 5Page - Burr-Brown (TI) DAC4815 Datasheet HTML 6Page - Burr-Brown (TI) DAC4815 Datasheet HTML 7Page - Burr-Brown (TI) DAC4815 Datasheet HTML 8Page - Burr-Brown (TI) DAC4815 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
®
DAC4815
SPECIFICATIONS, Guaranteed over T
A = –40°C to +85°C unless otherwise specified.
ELECTRICAL
Specifications as shown for VS = ±12V or ±15V, VL = +5V, and RL = 2kΩ unless otherwise noted.
DAC4815AP
DAC4815BP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Resolution
12
*
Bits
VIH (Input High Voltage)
2
5
*
*
V
VIL (Input Low Voltage)
0
0.8
*
*
V
IIN ( Input Current)
TA = 25°C
±1*
µA
TA = –40°C to +85°C
±10
*
µA
CIN (Input Capacitance)
0.8
*
pF
ACCURACY
Integral, Relative Linearity(1)
±1
±1/2
LSB
Differential Nonlinearity(2)
TA = 25°C
±1
*
LSB
TA = –40°C to +85°C
±1.5/–1
±1
LSB
Bipolar Zero Error
±20
±10
mV
Gain Error
With Internal or External 10.0V Ref
±0.2
±0.15
%
Power Supply Sensitivity(3)
VS = ±11.4V to ±18V
30
*
ppmFSR/V
VL = +4.5V to +5.5V
TEMPERATURE DRIFT
Gain Drift
±5
±30
*
±20
ppm/
°C
Bipolar Zero Drift
±5
±15
*
±8
ppmFSR/
°C
REFERENCE OUTPUT
Output Voltage
+9.980
+10
+10.020
+9.985
*
+10.015
V
Reference Drift
±2
±30
*
±20
ppm/
°C
Output Current
TA = 25°C
+10/–5
*
mA
TA = –40°C to +85°C
+5/–5
*
mA
Max Load Capacitance (For Stability)
500
*
pF
Short Circuit Current
±20
*
mA
Load Regulation
40
*
ppm/mA
(
∆ V
OUT vs ∆ ILOAD)
Supply Regulation
±5
*
ppm/V
(
∆ V
OUT vs ∆ VS)
–REFERENCE OUTPUT, Inverter
–10V Reference
–10.020
–10
–9.980
–10.015
*
–9.985
V
–10V Reference Drift
±30
±20
ppm/
°C
DC Output Impedance
0.1
*
Output Current
±7*
mA
Max Load Capacitance (For Stability)
200
*
pF
Short Circuit Current
30
*
mA
REFERENCE INPUT
Reference Input Resistance
1.75
2.5
*
*
k
Inverter Input Resistance
7
10
*
*
k
BPO Input Resistance
3.5
5
*
*
k
Reference Input Range
±10
*
V
ANALOG SIGNAL OUTPUTS
Voltage Range
–VS + 1.4
+VS – 1.4
*
*
V
DC Output Impedance
0.1
*
Output Current
±5*
mA
Max Load Capacitance (For Stability)
VOUT
500
*
pF
Short Circuit Current
±30
*
mA
DYNAMIC PERFORMANCE(4)
CL = 100pF
Settling Time
To 1/2 LSB of Full Scale
3.5
10
*
*
µs
Slew Rate
10
*
V/
µs
Small-Signal Bandwidth
3
*
MHz
ANALOG GROUND CURRENT
(Code Dependent)
±4*
mA
DIGITAL CROSSTALK
Full Scale Transition
3
*
nV-s
CL= 100pF
DIGITAL-TO-ANALOG
GLITCH IMPULSE
30
*
nV-s
POWER SUPPLY
+VS and –VS
±11.4
±15
±18
*
*
*
V
+VL
4.5
5
5.5
*
*
*
V
+IS
+20
+24
*
*
mA
–IS
–20
–25.5
*
*
mA
+IL
Digital Inputs = 0V or +VL
0.4
2
*
*
mA
+IL
Digital Inputs = VIL or VIH
10
*
mA
Total Power, All DACs
600
753
*
*
mW


유사한 부품 번호 - DAC4815

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813AP BURR-BROWN-DAC4813AP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813JP BURR-BROWN-DAC4813JP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
More results

유사한 설명 - DAC4815

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
logo
Texas Instruments
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com