전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC4814BP 데이터시트(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC4814BP
상세설명  Quad 12-Bit Digital-to-Analog Converter Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4814BP 데이터시트(HTML) 4 Page - Burr-Brown (TI)

  DAC4814BP Datasheet HTML 1Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 2Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 3Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 4Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 5Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 6Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 7Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 8Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
DAC4814
PIN DESIGNATIONS
PIN
DESCRIPTOR
FUNCTION
PIN
DESCRIPTOR
FUNCTION
1VOUT B
Analog output voltage, DAC B
28
+VL
Positive logic power supply, +5V input
2VOUT A
Analog output voltage, DAC A
27
LATCH A
Latch data update, logic input, DAC A
3
Inv In
Inverter (A5) input
26
LATCH B
Latch data update, logic input, DAC B
4+VREF Out
Positive reference voltage output (+10V output)
25
MODE
Selection input for unipolar or bipolar reset to zero
5
BPO B
Biplolar offset input, DAC B
24
CLR
Asynchronous input reset to zero
6
BPO A
Bipolar offset input, DAC A
23
CS
Chip select enable, DAC A, B, C, and D
7–VS
Negative analog power supply , –15V input
22
Data In
Serial data input
8
BPO D
Bipolar offset input, DAC D
21
LATCH C
Latch data update, logic input, DAC C
9
BPO C
Bipolar offset input, DAC C
20
LATCH D
Latch data update, logic input, DAC D
10
VREF In
± Reference voltage input
19
CLK
Clock input
11
Inv Out
Inverter (A5) output
18
Data Out
Serial data output
12
AGND
Analog common
17
DGND
Digital common
13
VOUT D
Analog output voltage, DAC D
16
NC
No internal connection
14
VOUT C
Analog output voltage, DAC C
15
+VS
Positive analog power supply, +15V input
TYPICAL PERFORMANCE CURVES
TA = +25°C, VS = ±12V or ±15V, VL = +5V unless otherwise noted.
PIN CONFIGURATION
TOP VIEW
+V
L
LATCH A
LATCH B
MODE
CLR
CS
Data In
LATCH C
LATCH D
CLK
Data Out
DGND
NC
+V
S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
OUT B
V
OUT A
Inv In
+V
REF Out
BPO B
BPO A
–V
S
BPO D
BPO C
V
REF In
Inv Out
AGND
V
OUT D
V
OUT C
DAC4814
NC = No Internal Connection
PSRR vs FREQUENCY (Bipolar Mode)
80
70
60
50
40
30
20
10
0
1k
10k
100k
1M
Frequency (Hz)
V
OUT = +10V
V
OUT = 0V
NOISE vs BANDWIDTH (Bipolar Mode)
250
200
150
100
50
0
100
1k
10k
100k
1M
Frequency (Hz)
V
OUT = +10V
FFF
HEX
V
OUT = 0V
800
HEX


유사한 부품 번호 - DAC4814BP

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813AP BURR-BROWN-DAC4813AP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813JP BURR-BROWN-DAC4813JP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

유사한 설명 - DAC4814BP

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com