전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC709SH 데이터시트(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC709SH
상세설명  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC709SH 데이터시트(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC709SH Datasheet HTML 3Page - Burr-Brown (TI) DAC709SH Datasheet HTML 4Page - Burr-Brown (TI) DAC709SH Datasheet HTML 5Page - Burr-Brown (TI) DAC709SH Datasheet HTML 6Page - Burr-Brown (TI) DAC709SH Datasheet HTML 7Page - Burr-Brown (TI) DAC709SH Datasheet HTML 8Page - Burr-Brown (TI) DAC709SH Datasheet HTML 9Page - Burr-Brown (TI) DAC709SH Datasheet HTML 10Page - Burr-Brown (TI) DAC709SH Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
®
DAC707/708/709
10
signal lines need to be isolated. The data is applied to pin 11
in a serial bit stream, MSB first. The WR input is used as a
data strobe, clocking in each data bit. A RESET signal is
provided for system startup and reset. These three signals
are each optically isolated. Once the 16 bits of serial data
have been strobed into the input register pair, the data is
strobed through to the D/A register by the “carry” signal out
of a 4-bit binary synchronous counter that has counted the
16 WR pulses used to clock in the data. The circuit diagram
is given in Figure 10.
CONNECTING MULTIPLE DAC707s
TO A 16-BIT MICROPROCESSOR BUS
Figure 11 illustrates the method of connecting multiple
DAC707s to a 16-bit microprocessor bus. The circuit shown
has two DAC707s and uses only one address line to select
either the input register or the D/A register. An external
address decoder selects the desired converter.
BURN-IN SCREENING
Burn-in screening is an option available for the DAC707.
Burn-in duration is 160 hours at the temperature shown
below (or equivalent combination of time and temperature).
Product
Temp. Range
Burn-In Screening
DAC707JP-BI
0
°C to 70°C
100
°C
DAC707KP-BI
0
°C to 70°C
100
°C
DAC707KH-BI
–25
°C to +85°C
125
°C
DAC707BH-BI
–25
°C to +85°C
125
°C
DAC707SH-BI
–55
°C to +125°C
125
°C
All units are tested after burn-in to ensure that grade speci-
fications are met.
APPLICATIONS
LOADING THE DAC709 SERIALLY
ACROSS AN ISOLATION BARRIER
A very useful application of the DAC709 is in achieving
low-cost isolation that preserves high accuracy. Using the
serial input feature of the input register pair, only three


유사한 부품 번호 - DAC709SH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC709 TI-DAC709 Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC709KH TI-DAC709KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC709KH-2 TI-DAC709KH-2 Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

유사한 설명 - DAC709SH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com