전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC709 데이터시트(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC709
상세설명  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC709 데이터시트(HTML) 4 Page - Burr-Brown (TI)

  DAC709 Datasheet HTML 1Page - Burr-Brown (TI) DAC709 Datasheet HTML 2Page - Burr-Brown (TI) DAC709 Datasheet HTML 3Page - Burr-Brown (TI) DAC709 Datasheet HTML 4Page - Burr-Brown (TI) DAC709 Datasheet HTML 5Page - Burr-Brown (TI) DAC709 Datasheet HTML 6Page - Burr-Brown (TI) DAC709 Datasheet HTML 7Page - Burr-Brown (TI) DAC709 Datasheet HTML 8Page - Burr-Brown (TI) DAC709 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
DAC707/708/709
4
CONNECTION DIAGRAMS
F2
OUT
A
A
A
D7 (D15)
D6 (D14)
D5 (D13)
D4 (D12)
D3 (D11)
D2 (D10)
D1 (D9)
D0 (D8)/S1
DCOM
24
23
22
21
20
19
18
17
16
15
14
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
CS
WR
CLR
–V
+V
GA
BPO
SJ
ACOM
V
R
DD
CC
F
CC
DD
V
+
(2)
(2)
(2)
(3)
+
+
CC
CC
–V
+V
(1)
(1)
3.9M
270k
Offset Adjust
Gain
Adjust
Control
Lines
Connect for bipolar operation.
Connect for 10V range.
Leave pin 13 open for 20V range.
+
10k
DAC709
Only
16-Bit
Ladder
Resistor
Network
and
Current
Switches
Reference
Circuit
D/A
Latch
Low
Byte
Latch
High
Byte
Latch
2
0
1
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
R
16-Bit
Ladder
Resistor
Network
and
Current
Switches
Digital
Inputs
V
+V
–V
V
CLR
WR
A
A0
1
(2)
(3)
(1)
3.9M
270k
NOTES: (1) Potentiometers are 10k
to 100k .
(2) Decoupling capcitors are 0.1µF to 1.0µF.
(3) Bypass, 0.0022µF to 0.01µF.
DD
CC
–V
CC
+V
(2)
Digital Inputs
Latch Enable Lines
Control Lines
Gain Adjust
Analog Common
CC
Offset
Adjust
Digital
Common
(2)
V
DD
OUT
NOTES: (1) Potentiometer is
10k
to 100k . (2) Decoupling
capcitors are 0.1µF to 1.0µF.
DAC708/709
DAC707
Register
Enable
Lines
Data
Inputs
DCOM
ACOM
SJ
GA
(MSB) D15
D14
ΩΩ
10k
CC
ORDERING INFORMATION
TEMPERATURE
INPUT
OUTPUT
PRODUCT
RANGE
CONFIGURATION
CONFIGURATION
DAC707JP
0
°C to +70°C
16-bit port
±10V output
DAC707JP-BI(1)
0
°C to +70°C
16-bit port
±10V output
DAC707KP
0
°C to +70°C
16-bit port
±10V output
DAC707KP-BI(1)
0
°C to +70°C
16-bit port
±10V output
DAC707KH
0
°C to +70°C
16-bit port
±10V output
DAC707KH-BI(1)
0
°C to +70°C
16-bit port
±10V output
DAC707BH
–25
°C to +85°C
16-bit port
±10V output
DAC707BH-BI(1)
–25
°C to +85°C
16-bit port
±10V output
DAC707SH
–55
°C to +125°C
16-bit port
±10V output
DAC707SH-BI(1)
–55
°C to +125°C
16-bit port
±10V output
DAC708KH
0
°C to +70°C
8-bit port
±1mA output
DAC708BH
–25
°C to +85°C
8-bit port
±1mA output
DAC708SH
–55
°C to +125°C
8-bit port
±1mA output
DAC709KH
0
°C to +70°C
8-bit port
±10V output
DAC709BH
–25
°C to +85°C
8-bit port
±10V output
DAC709SH
–55
°C to +125°C
8-bit port
±10V output
NOTE: (1) 25 piece minimum order.


유사한 부품 번호 - DAC709

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC709 TI-DAC709 Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC709KH TI-DAC709KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC709KH-2 TI-DAC709KH-2 Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

유사한 설명 - DAC709

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com