전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7541 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC7541
상세설명  Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7541 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  DAC7541 Datasheet HTML 1Page - Burr-Brown (TI) DAC7541 Datasheet HTML 2Page - Burr-Brown (TI) DAC7541 Datasheet HTML 3Page - Burr-Brown (TI) DAC7541 Datasheet HTML 4Page - Burr-Brown (TI) DAC7541 Datasheet HTML 5Page - Burr-Brown (TI) DAC7541 Datasheet HTML 6Page - Burr-Brown (TI) DAC7541 Datasheet HTML 7Page - Burr-Brown (TI) DAC7541 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
DAC7541A
PARAMETER
GRADE
TA = +25°C
TA = TMAX, TMIN(1)
UNITS
TEST CONDITIONS/COMMENTS
PROPAGATION DELAY
(from Digital Input change to 90% of
Out1 Load = 100Ω, CEXT = 13pF.
final Analog Output)
All
100
ns typ
Digital Inputs = 0V to VDD or VDD to 0V.
DIGITAL-TO-ANALOG GLITCH
VREF = 0V, all digital inputs 0V to VDD or VDD to
IMPULSE
All
1000
nV-s typ
0V. Measured using OPA606 as output amplifier.
MULTIPLYING FEEDTHROUGH
ERROR
(VREF to Out1)
All
1.0
mVp-p max
VREF = ±10V, 10kHz sine wave.
OUTPUT CURRENT SETTLING TIME
All
0.6
µs typ
To 0.01% of Full Scale Range.
Out1 Load = 100Ω, CEXT = 13pF.
All
1.0
µs max
Digital Inputs: 0V to VDD or VDD to 0V.
OUTPUT CAPACITANCE
COUT 1 (Pin 1)
All
100
100
pF max
Digital Inputs = VIH
COUT 2 (Pin 2)
All
60
60
pF max
Digital Inputs = VIH
COUT 1 (Pin 1)
All
70
70
pF max
Digital Inputs = VIL
COUT 2 (Pin 2)
All
100
100
pF max
Digital Inputs = VIL
PARAMETER
GRADE
TA = +25°C
TA = TMAX, TMIN(1)
UNITS
TEST CONDITIONS/COMMENTS
ACCURACY
Resolution
All
12
12
Bits
Relative Accuracy
J
±1
±1
LSB max
±1LSB = ±0.024% of FSR.
K
±1/2
±1/2
LSB max
±1/2LSB = ±0.012% of FSR.
Differential Non-linearity
J
±1
±1
LSB max
All grades guaranteed monotonic to 12 bits,
K
±1/2
±1/2
LSB max
TMIN to TMAX.
Gain Error
J
±6
±8
LSB max
Measured using internal RFB and includes effect
K
±1
±3
LSB max
of leakage current and gain T.C.
Gain error can be trimmed to zero.
Gain Temperature Coefficient
(∆Gain/∆Temperature)
ALL
5
ppm/
°C max
Typical value is 2ppm/
°C.
Output Leakage Current: Out1 (Pin 1)
J, K
±5
±10
nA max
All digital inputs = 0V.
Out2 (Pin 2)
J, K
±5
±10
nA max
All digital inputs = VDD.
REFERENCE INPUT
Voltage (Pin 17 to GND)
All
–10/+10
–10/+10
V min/max
Input Resistance (Pin 17 to GND)
All
7-18
7-18
k
Ω min/max
Typical input resistance = 11k
Ω.
Typical input resistance temperature coefficient is
–50ppm/
°C.
DIGITAL INPUTS
VIN (Input HIGH Voltage)
All
2.4
2.4
V min
VIL (Input LOW Voltage)
All
0.8
0.8
V max
IIN (Input Current)
All
±1
±1
µA max
Logic inputs are MOS gates.
IIN typ (25°C) = 1nA
CIN (Input Capacitance)(2)
All
8
8
pF max
VIN = 0V
POWER SUPPLY REJECTION
∆Gain/∆V
DD
All
±0.01
±0.02
% per % max
VDD = +11.4V to +16V
POWER SUPPLY
VDD Range
All
+5 to +16
+5 to +16
V min to
Accuracy is not guaranteed over this range.
V max
IDD
All
2
2
mA max
All digital inputs VIL or VIN.
All
100
500
µA max
All digital inputs 0V or VDD.
SPECIFICATIONS
ELECTRICAL
At +25
°C, +V
DD = +12V or +15V, VREF = +10V, VPIN 1 = VPIN 2 = 0V, unless otherwise specified.
NOTES: (1) Temperature ranges are: = 0
°C to + 70°C for JP, KP, JU and KU versions. (2) Guaranteed by design but not production tested.
DAC7541A
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for design guidance only and are not production tested.
VDD = +15V, VREF = +10V except where stated, VPIN 1 = VPIN 2 = 0V, output amp is OPA606 except where stated.
DAC7541A
NOTE: (1) Temperature ranges are: = 0
°C to + 70°C for JP, KP, JU and KU versions.


유사한 부품 번호 - DAC7541

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC7541A BURR-BROWN-DAC7541A Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJP BURR-BROWN-DAC7541AJP Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJP-BI BURR-BROWN-DAC7541AJP-BI Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJPG4 BURR-BROWN-DAC7541AJPG4 Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7541AJU BURR-BROWN-DAC7541AJU Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC7541

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC7541A BURR-BROWN-DAC7541A_07 Datasheet
154Kb / 10P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com