전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC716UK 데이터시트(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC716UK
상세설명  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716UK 데이터시트(HTML) 5 Page - Burr-Brown (TI)

  DAC716UK Datasheet HTML 1Page - Burr-Brown (TI) DAC716UK Datasheet HTML 2Page - Burr-Brown (TI) DAC716UK Datasheet HTML 3Page - Burr-Brown (TI) DAC716UK Datasheet HTML 4Page - Burr-Brown (TI) DAC716UK Datasheet HTML 5Page - Burr-Brown (TI) DAC716UK Datasheet HTML 6Page - Burr-Brown (TI) DAC716UK Datasheet HTML 7Page - Burr-Brown (TI) DAC716UK Datasheet HTML 8Page - Burr-Brown (TI) DAC716UK Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
DAC716
Frequency (Hz)
1k
10
100
1k
10k
100k
1M
POWER SUPPLY REJECTION vs
POWER SUPPLY RIPPLE FREQUENCY
100
10
1
0.1
+V
CC
–V
CC
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = ±15V, unless otherwise noted.
1000
100
10
1
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
V
OUT SPECTRAL NOISE DENSITY
10
0
Time (10µs/div)
FULL SCALE OUTPUT SWING
SETTLING TIME, +10V TO 0V
Time (1µs/div)
2500
2000
1500
1000
500
0
–500
–1000
–1500
–2000
–2500
+5V
0V
SETTLING TIME, 0V TO +10V
Time (1µs/div)
2500
2000
1500
1000
500
0
–500
–1000
–1500
–2000
–2500
+5V
–0V
2.0
–0.85
0
2.55
4.25
5.95
6.8
LOGIC vs V LEVEL
1.0
0
–1.0
–2.0
0.85
1.7
3.4
5.1
SDI
A
0, A1
CLR
V Digital Input
FPO


유사한 부품 번호 - DAC716UK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC716UK TI1-DAC716UK Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716UKG4 TI1-DAC716UKG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

유사한 설명 - DAC716UK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com