전자부품 데이터시트 검색엔진 |
|
LD1510SS 데이터시트(PDF) 9 Page - LDT Co., Ltd |
|
LD1510SS 데이터시트(HTML) 9 Page - LDT Co., Ltd |
9 / 25 page Ver3.0 9 LD1510 3Channel Output LED Driver with 12 bit PWM Controller AC CHARACTERISTICS (Ta = 25 O C unless otherwise noted) *1 : Cascade Operation *2 : N= Number of Chips in Serial *3 : N= 2000ea PARAMETER SYMBOL TEST CONDITION UNIT Propagation Delay Time (“L” to “H”) tPLH ns MAX. 20 TYP. 13 MIN. - VDD = 5.0V VIH = VDD VIL = GND fCK = 10MHz REXT = 2.50㏀ IOUT = 19.1㎃ CL = 10.0pF RL = 150Ω VL = 4.5V CLKI-DO Propagation Delay Time (“H” to “L”) tPHL ns 20 13 - CLKI-DO Maximum CLKI Frequency fCKMAX (*1) MHz 10 8 0.5 Data Setup Time tsetup ns - - 18 Data Hold Time thold - - 30 - - 100 + 1 x N (*2) - - 100 + 1 x N (*2) DI Width ns twsh Maximum Clock Rise Time tr 10 - - ns Maximum Clock Fall Time tf 10 - - Minimum Output Rise Time t or 300 - ns Minimum Output Fall Time t of 150 - Pulse Width t WH0 / tWL0 ns - - 40 CLKI t WH1 ns - - 40 Clock Delay t CKD ns - 13 - CLKO Clock Width t W ns - 45 - CLKO Clock Cycle t CY ns 2000 - 100 CLKO twsl twss - - 10,000 (*3) |
유사한 부품 번호 - LD1510SS |
|
유사한 설명 - LD1510SS |