전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC1G14GV 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HC1G14GV
상세설명  Inverting Schmitt trigger Rev. 6 ??27 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G14GV 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HC1G14GV Datasheet HTML 4Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 5Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 6Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 7Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 8Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 9Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 10Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 11Page - NXP Semiconductors 74HC1G14GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74HC_HCT1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 December 2012
8 of 16
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
15. Application information
The slow input rise and fall times cause additional power dissipation, this can be
calculated using the following formula:
Padd =fi  (tr ICC(AV) +tf ICC(AV))  VCC
Where:
Padd = additional power dissipation (W)
fi = input frequency (MHz)
tr = rise time (ns); 10 % to 90 %
Fig 11. Typical 74HC1G14 transfer characteristics; VCC =6.0 V
mna030
0
3.0
6.0
1.6
0
0.8
ICC
(mA)
VI (V)
Fig 12. Typical 74HCT1G14 transfer characteristics;
VCC =4.5 V
Fig 13. Typical 74HCT1G14 transfer characteristics;
VCC =5.5 V
mna031
0
5.0
2.0
0
1.0
ICC
(mA)
2.5
VI (V)
mna032
0
3.0
2.0
1.0
0
3.0
6.0
ICC
(mA)
VI (V)


유사한 부품 번호 - 74HC1G14GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC1G14GV PHILIPS-74HC1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14GV NXP-74HC1G14GV Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HC1G14GV NXP-74HC1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HC1G14GV NEXPERIA-74HC1G14GV Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HC1G14GV-Q100 NEXPERIA-74HC1G14GV-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

유사한 설명 - 74HC1G14GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com