전자부품 데이터시트 검색엔진 |
|
SA14 데이터시트(PDF) 1 Page - Leshan Radio Company |
|
SA14 데이터시트(HTML) 1 Page - Leshan Radio Company |
1 / 9 page Feature * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * Glass passivated chip junction in DO-15 package * 500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time: typically less than 1.0 ps from 0 volts to BV min * Typical IR less than 1 μA above 10V * High temperature soldering guaranteed: 260 /10 seconds/.375 ”,(9.5mm) lead length/5lbs., (2.3kg) tension Case: JEDEC DO-15 molded plastic We declare that the material of product compliance Terminals: Axial leads, solderable per with ROHS requirements MIL-STD-202, Method 208 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.015 ounce, 0.4 gram DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types SA5.0A thru types SA170A Electrical characteristics apply in both directions.marking code is all type. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. 1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. SYMBOL VALUE UNITS PPPM Minimum 500 Watts PM(AV) 3.0 Watts IFSM 70 Amps TJ -55 to +150 °C TSTG -55 to +175 °C NOTES: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25 °C per Fig. 2. 2. Mounted on Copper Leaf area of 1.57in2(40mm2). 3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. Peak Power Dissipation at TA=25°C, TP=1ms(Note 1) Steady State Power Dissipation at TL=75°C Lead Lengths .375 ”,(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine- Wave Superimposed on Rated Load(JECED Method) (Note 3) Operating Temperature Range Storage Temperature Range SA*** GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500Watt Peak Power 3.0 Watt Steady State RATING Mechanical Data Electrical Characteristic |
유사한 부품 번호 - SA14 |
|
유사한 설명 - SA14 |