전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ90 데이터시트(PDF) 3 Page - Leshan Radio Company

부품명 SMAJ90
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ90 데이터시트(HTML) 3 Page - Leshan Radio Company

  SMAJ90 Datasheet HTML 1Page - Leshan Radio Company SMAJ90 Datasheet HTML 2Page - Leshan Radio Company SMAJ90 Datasheet HTML 3Page - Leshan Radio Company SMAJ90 Datasheet HTML 4Page - Leshan Radio Company SMAJ90 Datasheet HTML 5Page - Leshan Radio Company SMAJ90 Datasheet HTML 6Page - Leshan Radio Company SMAJ90 Datasheet HTML 7Page - Leshan Radio Company SMAJ90 Datasheet HTML 8Page - Leshan Radio Company SMAJ90 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SMAJ43
CS
43.00
47.80
52.80
1.00
69.40
5.801
SMAJ43A
CT
43.00
47.80
52.80
1.00
69.40
5.801
SMAJ45
CU
45.00
50.00
55.30
1.00
72.70
5.501
SMAJ45A
CV
45.00
50.00
55.30
1.00
72.70
5.501
SMAJ48
CW
48.00
53.30
58.90
1.00
77.40
5.201
SMAJ48A
CX
48.00
53.30
58.90
1.00
77.40
5.201
SMAJ51
CY
51.00
56.70
62.70
1.00
82.40
4.901
SMAJ51A
CZ
51.00
56.70
62.70
1.00
82.40
4.901
SMAJ54
RD
54.00
60.00
66.30
1.00
87.10
4.601
SMAJ54A
RE
54.00
60.00
66.30
1.00
87.10
4.601
SMAJ58
RF
58.00
64.40
71.20
1.00
93.60
4.301
SMAJ58A
RG
58.00
64.40
71.20
1.00
93.60
4.301
SMAJ60
RH
60.00
66.70
73.70
1.00
96.80
4.101
SMAJ60A
RK
60.00
66.70
73.70
1.00
96.80
4.101
SMAJ64
RL
64.00
71.10
78.60
1.00
103.00
3.901
SMAJ64A
RM
64.00
71.10
78.60
1.00
103.00
3.901
SMAJ70
RN
70.00
77.80
86.00
1.00
113.00
3.501
SMAJ70A
RP
70.00
77.80
86.00
1.00
113.00
3.501
SMAJ75
RQ
75.00
83.30
92.10
1.00
121.00
3.301
SMAJ75A
RR
75.00
83.30
92.10
1.00
121.00
3.301
SMAJ78
RS
78.00
86.70
95.80
1.00
126.00
3.201
SMAJ78A
RT
78.00
86.70
95.80
1.00
126.00
3.201
SMAJ85
RU
85.00
94.40
104.00
1.00
137.00
2.901
SMAJ85A
RV
85.00
94.40
104.00
1.00
137.00
2.901
SMAJ90
RW
90.00
100.00
111.00
1.00
146.00
2.701
SMAJ90A
RX
90.00
100.00
111.00
1.00
146.00
2.701
SMAJ100
RY
100.00
111.00
123.00
1.00
162.00
2.501
SMAJ100A
RZ
100.00
111.00
123.00
1.00
162.00
2.501
SMAJ110
SD
110.00
122.00
135.00
1.00
177.00
2.301
SMAJ110A
SE
110.00
122.00
135.00
1.00
177.00
2.301
SMAJ120
SF
120.00
133.00
147.00
1.00
193.00
2.101
SMAJ120A
SG
120.00
133.00
147.00
1.00
193.00
2.101
SMAJ130
SH
130.00
144.00
159.00
1.00
209.00
1.901
SMAJ130A
SK
130.00
144.00
159.00
1.00
209.00
1.901
SMAJ150
SL
150.00
167.00
185.00
1.00
243.00
1.601
SMAJ150A
SM
150.00
167.00
185.00
1.00
243.00
1.601
SMAJ160
SN
160.00
178.00
197.00
1.00
259.00
1.501
SMAJ160A
SP
160.00
178.00
197.00
1.00
259.00
1.501
SMAJ170
SQ
170.00
189.00
209.00
1.00
275.00
1.501
SMAJ170A
SR
170.00
189.00
209.00
1.00
275.00
1.501
SMAJ180A
ST
180.00
198.00
221.00
1.00
291.00
1.401
SMAJ190A
SV
190.00
209.00
233.00
1.00
307.00
1.301
SMAJ200A
SX
200.00
220.00
246.00
1.00
324.00
1.301
SMAJ220A
SY
220.00
246.00
272.00
1.00
356.00
1.201
SMAJ250A
SZ
250.00
279.00
309.00
1.00
405.00
1.001
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
SMAJ*** Series


유사한 부품 번호 - SMAJ90

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ90 JGD-SMAJ90 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ90 YANGJIE-SMAJ90 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ90 SOCAY-SMAJ90 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ90 RFE-SMAJ90 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ90 SOCAY-SMAJ90 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ90

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com