전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ90 데이터시트(PDF) 10 Page - Leshan Radio Company

부품명 SMAJ90
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ90 데이터시트(HTML) 10 Page - Leshan Radio Company

Back Button SMAJ90 Datasheet HTML 3Page - Leshan Radio Company SMAJ90 Datasheet HTML 4Page - Leshan Radio Company SMAJ90 Datasheet HTML 5Page - Leshan Radio Company SMAJ90 Datasheet HTML 6Page - Leshan Radio Company SMAJ90 Datasheet HTML 7Page - Leshan Radio Company SMAJ90 Datasheet HTML 8Page - Leshan Radio Company SMAJ90 Datasheet HTML 9Page - Leshan Radio Company SMAJ90 Datasheet HTML 10Page - Leshan Radio Company SMAJ90 Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
标题Titile:
LRC标签label
ROHS标签
无卤标签 HF label
注意事项NOTE:
1. 13"卷盘内盒装好产品,需用热缩膜包装;13"reel
’inner box must be packed by shrink film
2. 所有编带产品卷装完成后,用白色胶带将编带粘牢;
every tape after packing,must be fixed by white adhesive tape
3.1产品出厂检验报告 testing report of the OQC
每批出货时,需要附上出厂检验报告
every lot must with test report
3.2尾箱
同一编码每批次只允许出现一个尾数箱,对于尾数物料,须用缓冲材料对空余部分填充好,
保证物料在受到一定的外作用力下不发生明显移动,且物料间无碰撞。
The same coding is only one ending for each batch box materials for the mantissa to
be good filled with cushioning material.
MARK:******
Q'TY:******
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
6
DATE:******
TYPE:******
Packaging specification of SMD
LRC产品型号
印字型号
产品生产日期
产品数量
Green


유사한 부품 번호 - SMAJ90

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ90 JGD-SMAJ90 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ90 YANGJIE-SMAJ90 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ90 SOCAY-SMAJ90 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ90 RFE-SMAJ90 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ90 SOCAY-SMAJ90 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ90

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com