전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC403L 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 STC403L
상세설명  NPN Silicon Transisto
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC403L 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  STC403L Datasheet HTML 1Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 2Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 3Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 4Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 5Page - KODENSHI_AUK CORP. STC403L Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-T0D004-003
2
STC403L
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=50mA, IB=0
60
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
50
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
50
μA
DC current gain
hFE *
VCE=5V, IC=0.5A
200
-
400
-
Base-Emitter on voltage
VBE(ON)
VCE=5V, IC=0.5A
-
0.7
1
V
Collector-Emitter saturation voltage
VCE(sat)
IC=2A, IB=0.2A
-
0.4
1
V
Transition frequency
fT
VCB=5V, IC=0.5A
-
30
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
35
-
pF
Turn-on Time
ton
-
0.65
-
Storage Time
tstg
-
1.3
-
Switching
Time
Fall Time
tf
-
0.65
-
* hFE rank : 200~400 Only


유사한 부품 번호 - STC403L

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
STC403L KODENSHI-STC403L Datasheet
293Kb / 6P
   NPN Silicon Transistor
More results

유사한 설명 - STC403L

제조업체부품명데이터시트상세설명
logo
Chenmko Enterprise Co. ...
CHT9013PT CHENMKO-CHT9013PT Datasheet
180Kb / 3P
   NPN Silicon Transisto r
CHT5824XPT CHENMKO-CHT5824XPT Datasheet
338Kb / 2P
   NPN Silicon Transisto r
logo
Infineon Technologies A...
BFP540FESD INFINEON-BFP540FESD Datasheet
112Kb / 5P
   NPN Silicon RF Transisto
2007-03-23
logo
Chenmko Enterprise Co. ...
CHT5338ZPT CHENMKO-CHT5338ZPT Datasheet
136Kb / 2P
   NPN Silicon Transisto r
logo
GTM CORPORATION
GL3904 GTM-GL3904 Datasheet
190Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTO
logo
Renesas Technology Corp
2SC2335 RENESAS-2SC2335_15 Datasheet
241Kb / 8P
   SILICON POWER TRANSISTO
logo
ON Semiconductor
FSB649 ONSEMI-FSB649 Datasheet
132Kb / 5P
    NPN Low Saturation Transisto
Rev. A
logo
Continental Device Indi...
CC5401 CDIL-CC5401 Datasheet
61Kb / 3P
   PNP COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTO
logo
Central Semiconductor C...
CZT7090L CENTRAL-CZT7090L Datasheet
74Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTO
logo
Alpha & Omega Semicondu...
AOD421 AOSMD-AOD421 Datasheet
117Kb / 5P
   P-Channel Enhancement Mode Field Effect Transisto
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com