전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0144A 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0144A
상세설명  SAW Resonator 868.35 MHz SMD 5X5 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0144A 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0144A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 868.35 MHz
MODEL NO.: TC0144A
REV. NO.:2
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
868.150
868.350
868.550
Insertion Loss IL
dB
-
1.3
2.5
Equivalent Elements
Motional capacitance C1
fF
-
1.21
-
Motional inductance L1
μ
H
-
27.66
-
Motional resistance R1
Ohm
-
17.92
-
Parallel capacitance Co
pF
-
2.51
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
20
-
50
Package size
SMD 5X5X1.4mm
D.OUTLINE DRAWING:
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TC0144A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TC0144A GOLLEDGE-TC0144A Datasheet
77Kb / 3P
   SAW Resonator 868.350MHz
More results

유사한 설명 - TC0144A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0138A TAI-SAW-TC0138A Datasheet
352Kb / 5P
   SAW Resonator 868.35 MHz SMD 5X5 mm
TC0196A TAI-SAW-TC0196A Datasheet
349Kb / 4P
   SAW Resonator 868.35 MHz SMD 5X5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
   SAW Resonator 916.5 MHz SMD 5X5 mm
TC0504A TAI-SAW-TC0504A Datasheet
436Kb / 6P
   SAW Resonator 446 MHz SMD 5X5 mm
TC0234A TAI-SAW-TC0234A Datasheet
327Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
TC0239A TAI-SAW-TC0239A Datasheet
326Kb / 4P
   SAW Resonator 392.85 MHz SMD 5X5 mm
TC0193A TAI-SAW-TC0193A Datasheet
355Kb / 4P
   SAW Resonator 868.300 MHz SMD 5X5 mm
TC0206A TAI-SAW-TC0206A Datasheet
356Kb / 4P
   SAW Resonator 433.42 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com