전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPT301 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 OPT301
상세설명  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT301 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  OPT301 Datasheet HTML 1Page - Burr-Brown (TI) OPT301 Datasheet HTML 2Page - Burr-Brown (TI) OPT301 Datasheet HTML 3Page - Burr-Brown (TI) OPT301 Datasheet HTML 4Page - Burr-Brown (TI) OPT301 Datasheet HTML 5Page - Burr-Brown (TI) OPT301 Datasheet HTML 6Page - Burr-Brown (TI) OPT301 Datasheet HTML 7Page - Burr-Brown (TI) OPT301 Datasheet HTML 8Page - Burr-Brown (TI) OPT301 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
OPT301
OPT301M
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESPONSIVITY
Photodiode Current
650nm
0.47
A/W
Voltage Output
650nm
0.47
V/
µW
vs Temperature
200
ppm/
°C
Unit-to-Unit Variation
650nm
±5%
Nonlinearity(1)
FS Output = 10V
0.01
% of FS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
DARK ERRORS, RTO(2)
Offset Voltage, Output
±0.5
±2mV
vs Temperature
±10
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
10
100
µV/V
Voltage Noise
Measured BW = 0.1 to 100kHz
160
µVrms
RESISTOR—1M
Ω Internal
Resistance
1M
Tolerance
±0.5
±2%
vs Temperature
50
ppm/
°C
FREQUENCY RESPONSE
Bandwidth, Large or Small-Signal, –3dB
4
kHz
Rise Time, 10% to 90%
90
µs
Settling Time, 1%
FS to Dark
240
µs
0.1%
FS to Dark
350
µs
0.01%
FS to Dark
900
µs
Overload Recovery Time
100% overdrive, VS = ±15V
240
µs
100% overdrive, VS = ±5V
500
µs
100% overdrive, VS = ±2.25V
1000
µs
OUTPUT
Voltage Output
RL = 10kΩ
(V+) – 1.25
(V+) – 0.65
V
RL = 5kΩ
(V+) – 2
(V+) – 1
V
Capacitive Load, Stable Operation
10
nF
Short-Circuit Current
±18
mA
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±2.25
±18
V
Quiescent Current
IO = 0
±0.4
±0.5
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
Operating/Storage
–55
+125
°C
Thermal Resistance,
θ
JA
200
°C/W
NOTES: (1) Deviation in percent of full scale from best-fit straight line. (2) Referred to Output. Includes all error sources.
SPECIFICATIONS
ELECTRICAL
At T
A
= +25
°C, V
S
=
±15V, λ = 650nm, internal 1MΩ feedback resistor, unless otherwise noted.
PHOTODIODE SPECIFICATIONS
At T
A = +25°C, unless otherwise noted.
Photodiode of OPT301
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.1
mm2
Current Responsivity
650nm
0.47
A/W
Dark Current
VD = 0V(1)
500
fA
vs Temperature
doubles every 10
°C
Capacitance
VD = 0V(1)
4000
pF
NOTE: (1) Voltage Across Photodiode.


유사한 부품 번호 - OPT301

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

유사한 설명 - OPT301

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Sipex Corporation
SP8036 SIPEX-SP8036 Datasheet
245Kb / 6P
   APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Sipex Corporation
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
   250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Hamamatsu Corporation
S9269 HAMAMATSU-S9269 Datasheet
114Kb / 3P
   Photodiode and preamp integrated with feedback resistance and capacitance
S8745-01 HAMAMATSU-S8745-01 Datasheet
117Kb / 5P
   Photodiode and preamp integrated with feedback resistance and capacitance
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101_03 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com