전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC0627A 데이터시트(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TC0627A
상세설명  SAW Resonator 800 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0627A 데이터시트(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0627A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
G.OUTLINE DRAWING:
Data code:See the table
Year code:See the table
Year
2008
2008
2008
2008
2009
2009
2009
2009
2010
2010
2010
2010
2011
2011
2011
2011
2019
2019
2019
2019
2020
2020
2020
2020
Code
8888
9999
0000
1111
9999
0000
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
A
B
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
a
b
c
d
e
f
g
h
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
n
o
p
q
r
s
t
u
v
w
x
y
z


유사한 부품 번호 - TC0627A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0621A TAI-SAW-TC0621A Datasheet
263Kb / 7P
   SAW Resonator 245.76MHz
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
More results

유사한 설명 - TC0627A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0314A TAI-SAW-TC0314A Datasheet
379Kb / 5P
   SAW Resonator 800 MHz SMD 3.8X3.8 mm
logo
RF Monolithics, Inc
SF2207E RFM-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0975A TAI-SAW-TA0975A Datasheet
393Kb / 7P
   SAW Filter 800 MHz
logo
Murata Manufacturing Co...
SF2207E MURATA-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com