전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR0812DCBX5Z01A 데이터시트(PDF) 11 Page - Lineage Power Corporation

부품명 CAR0812DCBX5Z01A
상세설명  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DCBX5Z01A 데이터시트(HTML) 11 Page - Lineage Power Corporation

Back Button CAR0812DCBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 10Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 11Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 12Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 13Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 14Page - Lineage Power Corporation CAR0812DCBX5Z01A Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 11
processors to update their data base so that successive reads
provide fresh data.
PMBusTM Commands
Standard instruction: Up to two bytes of data may follow an
instruction depending on the required data content. Analog
data is always transmitted as LSB followed by MSB. PEC is
optional and includes the address and data fields.
1
8
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
1
Low data byte
A
High data byte
A
PEC
A
P
Master to Slave
Slave to Master
SMBUS annotations; S – Start , Wr – Write, Sr – re-Start, Rd –
Read,
A – Acknowledge, NA – not-acknowledged, P – Stop
Standard READ: Up to two bytes of data may follow a READ
request depending on the required data content. Analog data
is always transmitted as LSB followed by MSB. PEC is
mandatory and includes the address and data fields
. PEC is
optional and includes the address and data fields.
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
8
1
Sr
Slave Address
Rd
A
LSB
A
8
1
8
1
1
MSB
A
PEC
No-ack
P
Block instruction: When writing or reading more than two
bytes of data at a time BLOCK instructions for WRITE and READ
commands must be used instead of the Standard Instructions.
Block write format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data 48
A
PEC
A
P
Block read format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
Sr
Slave Address
Rd
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data 48
A
PEC
NoAck
P
Linear Data Format The definition is identical to Part II of the
PMBus Specification. All standard PMBus values, with the
exception of output voltage related functions, are represented
by the linear format described below. Output voltage functions
are represented by a 16 bit mantissa. Output voltage has a E=9
constant exponent.
The Linear Data Format is a two byte value with an 11-bit,
two’s complement mantissa and a 5-bit, two’s complement
exponent or scaling factor, its format is shown below.
Data Byte High
Data Byte Low
Bit 7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Exponent (E)
Mantissa (M)
The relationship between the Mantissa, Exponent, and Actual
Value (V) is given by the following equation:
E
M
V
2
Where:
V is the value
M is the 11-bit, two’s complement mantissa
E is the 5-bit, two’s complement exponent
PMBusTM Command set:
Command
Hex
Code
Data
Byte
Function
Operation
01
1
Output ON/OFF
ON_OFF_config
02
1
09, output ON default
Clear_faults
03
0
Clear Status
Write_protect
10
1
Write control
Store_default_all
11
0
Store permanently
Restore_default_all
12
0
Reset defaults
Capability
19
1
30h, 400kHz, SMBAlert
Vout_mode
20
1
Vout constants
Vout_command
21
2
Set Vout
Vout_OV_fault_limit
40
2
Set OV fault limit
Vout_OV_fault_response
41
1
Vout_OV_warn_limit
42
2
Set OV warn limit
Vout_UV_warn_limit
43
2
Set UV warn limit
Vout_UV_fault_limit
44
2
Vout_UV_fault_response
45
1
Iout_OC_fault_limit
46
2
Iout_OC_fault_response
47
1
Latch or hiccup
Iout_OC_warn_limit
4A
2
Set OC warn limit
OT_fault_limit
4F
2
OT_fault_response
50
1
Latch or hiccup
OT_warn_limit
51
2
Set OT warn limit
UT_warn_limit
52
2
UT_fault_limit
53
2
UT_fault_response
54
1
Vin_OV_fault_limit
55
2
Vin_OV_warn_limit
57
2
Set OV warn limit
Vin_UV_warn_limit
58
2
Set UV warn limit
Vin_UV_fault_limit
59
2
Set UV shutdown
Status_byte
78
1
Status_word
79
2
Status_Vout
7A
1
Status_Iout
7B
1
Status_input
7C
1
Status_temperature
7D
1


유사한 부품 번호 - CAR0812DCBX5Z01A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

유사한 설명 - CAR0812DCBX5Z01A

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com