전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR0812DCXX5Z01A 데이터시트(PDF) 8 Page - Lineage Power Corporation

부품명 CAR0812DCXX5Z01A
상세설명  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DCXX5Z01A 데이터시트(HTML) 8 Page - Lineage Power Corporation

Back Button CAR0812DCXX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 9Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 10Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 11Page - Lineage Power Corporation CAR0812DCXX5Z01A Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 8
Characteristic Curves (continued)
The following figures provide typical characteristics for the CAR0812DC converter at 25oC
TIME, t (2ms/div)
TIME, t (50ms/div)
Figure 7. 12V transient response for 10 to 60% step load,
Vin: -48VDC, slew rate 1A/µs.
Figure 7. 12V transient response for 10 to 60% step load, Vin:
-48VDC, slew rate 1A/µs.
Vout
Iout
Iout
Total (A)
Iout
unit #1 (A)
Iout
unit #2 (A) Ishare
11.968
25%
35.47
18.54
16.93
1.13%
11.96
30%
42.51
22.07
20.44
1.15%
11.923
50%
70.4
36.09
34.31
1.25%
11.877
75%
106
54.25
51.75
1.76%
11.831
100%
140.86
71.65
69.21
1.72%
Vout
Iout
Iout
Total (A)
Iout
DC unit (A)
Iout
AC unit (A) Ishare
11.972
25%
35.32
17.71
17.61
0.07%
11.965
30%
42.4
21.43
20.97
0.32%
11.925
50%
69.91
34.07
35.84
1.25%
11.878
75%
104.74
50.81
53.93
2.20%
11.831
100%
140.09
68.99
71.1
1.49%
Vin = 48Vdc
Vin = 48Vdc
Table 9. Current share accuracy among two CAR0812DC
units
Table 10. Current share accuracy among a CAR0812AC and a
CAR0812DC unit
(-10°C)
25°C
50°C
Turn ON point (V)
35
34.9
34.9
Turn OFF point (V)
32.7
32.7
32.7
Hysteresis (V)
2.3
2.2
2.2
NO LOAD
(-10°C)
25°C
50°C
Turn ON point (V)
35.8
35.6
35.5
Turn OFF point (V)
33.3
33.5
33.4
Hysteresis (V)
2.5
2.1
2.1
FULL LOAD
Table 11. Input under voltage protection – no load
Table 12. Input under voltage protection – full load
RT3 (actual temperature)
Full load 50°C ambient
75°C
Half load 70C ambient
79.1C
Protect point
95C
Recovery point
79C
Table 13. Over-temperature protection; Actual temperature
readings and protection levels.


유사한 부품 번호 - CAR0812DCXX5Z01A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

유사한 설명 - CAR0812DCXX5Z01A

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com