전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ22C 데이터시트(PDF) 7 Page - Socay Electornics Co., Ltd.

부품명 SMAJ22C
상세설명  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOCAY [Socay Electornics Co., Ltd.]
홈페이지  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ22C 데이터시트(HTML) 7 Page - Socay Electornics Co., Ltd.

  SMAJ22C Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ22C Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ22C Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ22C Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ22C Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ22C Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ22C Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
7 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
SMAJXXXXX
DO-214AC (SMA)
1000
Tape & Reel -12mm/7
″tape
EIA STD RS-481
Packaging
Tape and Reel Specifications
Direction of Feed
0.49
(12.4)
0.512(13.0)
Arbor Hole Diameter
7.0
(177.8)
Dimensions are in inches
(and millimeters)
0.36
(9.2)
0.157
(4.0)
0.059
(1.5)
Diameter
0.157
(4.0)
Cover tape
0.472
(12.0)


유사한 부품 번호 - SMAJ22C

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ22C BYTES-SMAJ22C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMAJ22C YANGJIE-SMAJ22C Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
SMAJ22C ETC-SMAJ22C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ22C LUGUANG-SMAJ22C Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UNIOHM CORPORATION
SMAJ22C UNIOHM-SMAJ22C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SMAJ22C

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com