전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ140 데이터시트(PDF) 4 Page - Socay Electornics Co., Ltd.

부품명 SMAJ140
상세설명  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOCAY [Socay Electornics Co., Ltd.]
홈페이지  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ140 데이터시트(HTML) 4 Page - Socay Electornics Co., Ltd.

  SMAJ140 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ140 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ140 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ140 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ140 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ140 Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ140 Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
4 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Figure 1 - Peak Pulse Power Rating Curve
Figure 3 - Pulse Waveform
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 4 - Typical Junction Capacitance
0
25
50
75
100
125
150
175
100
80
60
40
20
0
TA-Ambient temperature(°C)
Figure 5 - Steady State Power Derating Curve
Figure 2 - Pulse Derating Curve
Figure 6 - Maximum Non-Repetitive Surge Current
150
100
50
0
tr=10µsec
Peak Value
IPPM
Half Value
IPPM (IPPM/2)
tc
10/1000
µsec. Waveform
as de
fined by R.E.A
0
1.0
2.0
3.0
4.0
TJ=25°C
Pulse Width(td) is de
fined
as the point where the peak
current decays to 50% of IPPM
t - Time (ms)
1.0
0
25
50
75
100
125
150
175
200
0.8
0.6
0.4
0.2
0.0
TL - Lead Temperature(°C)
100
td - Pulse Width (μs)
0.1
1
0.1
1
10
100
1000
10000
10
Number of Cycles at 60Hz
1
10
100
30
20
10
0
40
50
TJ=TJ max.
8.3 ms Single Half Sine-Wave
1.0
10.0
100.0
1000.0
10000
1000
100
1
VBR-Reverse Breakdown Voltage (V)
10
Tj=25
°C
f=1.0MHz
Vsig=50mVp-p
Bi-directional
@zero bins
Uni-directional
@zero bins
Uni-directional @VRWM
Bi-directional @VRWM


유사한 부품 번호 - SMAJ140

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ140 LUGUANG-SMAJ140 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
Socay Electornics Co., ...
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ140 SOCAY-SMAJ140 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ140

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com