전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR1212FP 데이터시트(PDF) 7 Page - Lineage Power Corporation

부품명 CAR1212FP
상세설명  85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212FP 데이터시트(HTML) 7 Page - Lineage Power Corporation

  CAR1212FP_14 Datasheet HTML 1Page - Lineage Power Corporation CAR1212FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR1212FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR1212FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR1212FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR1212FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR1212FP_14 Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GE Energy
CAR1212FP series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 1250W; 5 Vdc @ 0.5A
Contact Us
For more information, call us at
USA/Canada:
+1 888 546 3243, or +1 972 244 9288
Asia-Pacific:
+86.021.54279977*808
Europe, Middle-East and Africa:
+49.89.878067-280
India:
+91.80.28411633
www.ge.com/powerelectronics
July 20, 2012
©2012 General Electric Company. All rights reserved.
Page 7
Connector Pin Assignments
Mating Connector:
FCI/Berg P/N 51939-178
Mating connector: Primary Source:
FCI berg P/N 51866-025 (right angle mounting)
or
FCI berg P/N 51940-117 (straight mounting)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
Vstb [5V]
B1
Fault
C1
IShare
D1
VProg
A2
Vstb [5V] Return
B2
I Monitor (IMON)
C2
No connect
D2
OVP Test Point
A3
Signal Return
B3
Enable: “0” –ON “1” -OFF
C3
Over Temp Warning
D3
Remote ON/OFF
A4
Write Protect (WP)
B4
PS Present
C4
I2C Address (A0)
D4
DC OK
A5
Remote Sense (+)
B5
SDA (I2C bus)
C5
I2C Address (A1)
D5
AC OK
A6
Remote Sense (-)
B6
SCL (I2C bus)
C6
I2C Address (A2)
D6
SMBAlert
P1
Line
P2
Neutral
P3
Chassis
P4 – P6
Output Return
P7– P9
+12Vout
Ordering Information
Please contact your GE Energy Sales Representative for pricing, availability and optional features.
PRODUCT
DESCRIPTION
PART NUMBER
1250W Rectifier
+12Vout , 5Vaux, RoHS 6 of 6
CAR1212FPXXXZ01A
1250W Rectifier
+12Vout , 5Vaux, with face plate, RoHS 6 of 6
CAR2512FPBX5Z01A
1250W Rectifier
+12Vout , 5Vaux, with face plate, I2C option, RoHS 6 of 6
CAR2512FPBC5Z01A
1250W Rectifier
+12Vout , 5Vaux, with I2C option, RoHS 6 of 6
CAR2512FPXC5Z01A


유사한 부품 번호 - CAR1212FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR1212FPB-1A LINEAGEPOWER-CAR1212FPB-1A Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR1212FPBY0-1A LINEAGEPOWER-CAR1212FPBY0-1A Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR1212FPBZ0-1A LINEAGEPOWER-CAR1212FPBZ0-1A Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR1212FPC-1A LINEAGEPOWER-CAR1212FPC-1A Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR1212FPCY0-1A LINEAGEPOWER-CAR1212FPCY0-1A Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
More results

유사한 설명 - CAR1212FP_14

제조업체부품명데이터시트상세설명
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
   PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
logo
Torex Semiconductor
XC9404 TOREX-XC9404 Datasheet
299Kb / 16P
   85VAC ~ 270VAC
logo
Teledyne Technologies I...
SR75-3 TELEDYNE-SR75-3 Datasheet
193Kb / 3P
   0.5A, 400 Vdc Optically Isolated
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com