전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE254RUW48XZ01A 데이터시트(PDF) 7 Page - Lineage Power Corporation

부품명 ACE254RUW48XZ01A
상세설명  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE254RUW48XZ01A 데이터시트(HTML) 7 Page - Lineage Power Corporation

Back Button ACE254RUW48XZ01A Datasheet HTML 3Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 4Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 5Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 6Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 7Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 8Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 9Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 10Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GE
Data Sheet
CAR2548DC series dc-dc converters
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
December 6, 2013
©2013 General Electric Company. All rights reserved.
Page 7
Control and Status
Control hierarchy: Some features, such as output voltage,
can be controlled both through hardware and firmware. For
example, the output voltage is controlled both by the signal pin
(Vprog) and the PMBus command, (Vout_command) .
Using output voltage as an example; the Vprog signal pin has
ultimate control of the output voltage until the Vprog is either >
3Vdc or a no connect. When the programming signal via Vprog
is either a no connect or > 3Vdc, it is ignored, the output
voltage is set at its nominal 12Vdc and the unit output voltage
can be controlled via the PMBus command, (Vout_command).
Analog controls: Details of analog controls are provided in
this data sheet under Signal Definitions.
Common ground: All signals and outputs are referenced to
Output return. These include ‘Vstb return’ and ‘Signal return’.
Control Signals
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage from 43.2Vdc to
56Vdc. The equation of this signal is:
Vout = 42.67 + (Vprog * 5.33) where Vprog = 0.1 to 2.5V
For Vprog > 2.5V the output reverts back to 48Vdc.
Load share (Ishare): This is a single wire analog signal that is
generated and acted upon automatically by power supplies
connected in parallel. The Ishare pins should be tied together
for power supplies if active current share among the power
supplies is desired. No resistors or capacitors should get
connected to this pin.
Able to current share with CAR2548FP rectifiers.
Remote_ON/OFF: Controls presence of the 48Vdc output
voltage. This is an open collector, TTL level control signal that
needs to be pulled HI externally through a resistor.
A turn OFF command either through this signal (Remote
ON/OFF) or firmware commanded would turn OFF the 48V
output.
Enable: This is a short signal pin that controls the presence of
the 48Vdc main output. This pin should be connected to
‘output return’ on the system side of the output connector. The
purpose of this pin is to ensure that the output turns ON after
engagement of the power blades and turns OFF prior to
disengagement of the power blades.
Write protect (WP): This signal protects the contents of the
EEPROM from accidental over writing. When left open the
EEPROM is write protected. A LO (TTL compatible) permits
writing to the EEPROM. This signal is pulled HI internally by the
power supply.
Status signals
Output current monitor (Imon): A voltage level proportional to
the delivered output current is present on this pin. The signal
level is 0.1V per amp ± 0.25V.
Input_OK: A TTL compatible status signal representing
whether the input voltage is within the anticipated range. This
signal needs to be pulled HI externally through a resistor.
DC_OK: A TTL compatible status signal representing whether
the output voltage is present. This signal needs to be pulled HI
externally through a resistor.
Over_temp_warning: A TTL compatible status signal
representing whether an over temperature exists. This signal
needs to be pulled HI externally through a resistor.
If an over temperature should occur, this signal would pull LO
approximately 10 seconds prior to shutting down the power
supply. The unit would restart if internal temperatures recover
within normal operational levels. At that time the signal reverts
back to its open collector (HI) state.
Fault: A TTL compatible status signal representing whether a
Fault occurred. This signal needs to be pulled HI externally
through a resistor.
This signal activates for OTP, OVP, OCP, INPUT fault or No
output.
PS_Present: This pin is connected to ‘output return’ within the
power supply. Its intent is to indicate to the system that a
power supply is present. This signal may need to be pulled HI
externally through a resistor.
Interrupt (SMBAlert): A TTL compatible status signal,
representing the SMBusAlert# feature of the PMBus compatible
i2C protocol in the power supply. This signal needs to be pulled
HI externally through a resistor.
Serial Bus Communications
The I²C interface facilitates the monitoring and control of
various operating parameters within the unit and transmits
these on demand over an industry standard I²C Serial bus.
All signals are referenced to ‘Signal Return’.
Device addressing: The microcontroller (MCU) and the EEPROM
have the following addresses:
Device
Address
Address Bit Assignments
(Most to Least Significant)
MCU
0xBx
1
0
1
1
A2
A1
A0
R/W
Broadcast
0x00
0
0
0
0
0
0
0
0
EEPROM
0xAx
1
0
1
0
A2
A1
A0
R/W
The Global Broadcast instruction executes a simultaneous
write instruction to all power supplies. A read instruction
cannot be accessed globally. The three programmable address
bits are the same for all I2C accessible devices within the
power supply.
Address lines (A2, A1, A0): These signal pins allow up to eight
(8) modules to be addressed on a single I²C bus. The pins are
pulled HI internal to the power supply. For a logic LO these pins
should be connected to ‘Output Return’
Serial Clock (SCL): The clock pulses on this line are generated
by the host that initiates communications across the I²C Serial
bus. This signal is pulled up internally to 3.3V by a 10kΩ
resistor. The end user should add additional pull up resistance
as necessary to ensure that rise and fall time timing and the


유사한 부품 번호 - ACE254RUW48XZ01A

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   Universal Rack for the CAR2548FP and CAR2548TN
More results

유사한 설명 - ACE254RUW48XZ01A

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com