전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR2548FP 데이터시트(PDF) 6 Page - Lineage Power Corporation

부품명 CAR2548FP
상세설명  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FP 데이터시트(HTML) 6 Page - Lineage Power Corporation

Back Button CAR2548FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 9Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GE
Data Sheet
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2013 General Electric Company. All rights reserved.
Page 6
Environmental Specifications
Parameter
Min
Typ
Max
Units
Notes
Ambient Temperature
-104
70
°C
Derated above 50C
Storage Temperature
-40
85
°C
Operating Altitude
2250/7382
m/ft
Non-operating Altitude
8200/30k
m / ft
Power Derating with Temperature
2.5
%/°C
50C to 70C
Power Derating with Altitude
2.0
C/301 m
C/1000 ft
Above 2250 m/7382 ft
Acoustic noise
55
dbA
Full load
Over Temperature Protection
110/95
°C
Shutdown / restart
Humidity
Operating
Storage
30
10
95
95
%
Relative humidity, non-condensing
Shock and Vibration acceleration
6
Grms
NEBS GR-63-CORE, Level 3, 20 -
2000Hz, min 30 minutes
Earthquake Rating
4
Zone
NEBS GR-63-CORE, all floors, Seismic
Zone 4 Designed and tested to meet
NEBS specifications.
EMC Compliance
Parameter
Criteria
Standard
Level
Test
AC input
Conducted emissions
EN55022, FCC Docket 20780 part 15, subpart J
EN61000-3-2
A
0.15 – 30MHz
0 – 2 KHz
Radiated emissions
EN55022
A
30 – 10000MHz
AC input
immunity
Voltage dips
EN61000-4-11
A
-30%, 10ms
B
-60%, 100ms
B
-100%, 5sec
Voltage surge
EN61000-4-5
A
4kV, 1.2/50µs, common mode
A
2kV, 1.2/50µs, differential mode
Fast transients
EN61000-4-4
B
5/50ns, 2kV (common mode)
Enclosure
immunity
Conducted RF fields
EN61000-4-6
A
130dBµV, 0.15-80MHz, 80% AM
Radiated RF fields
EN61000-4-3
A
10V/m, 80-1000MHz, 80% AM
ENV 50140
A
ESD
EN61000-4-2
B
4kV contact, 8kV air
4 Designed to start at an ambient down to -40°C; meet spec after
 30 min warm up period, may not meet operational limits below -10°C.


유사한 부품 번호 - CAR2548FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548FP-1A LINEAGEPOWER-CAR2548FP-1A Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results

유사한 설명 - CAR2548FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com