전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTW001A3B 데이터시트(PDF) 13 Page - Lineage Power Corporation

부품명 SSTW001A3B
상세설명  36-75Vdc Input; 12Vdc, 1.3A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW001A3B 데이터시트(HTML) 13 Page - Lineage Power Corporation

Back Button SSTW001A3B Datasheet HTML 7Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 8Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 9Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 10Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 11Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 12Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 13Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 14Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 15Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
G
S
3
M
D
T
GE
SSTW001
36-75Vdc In
March 26, 2013
Mechanica
Dimensions are
Tolerances: x.x
x.xx
S
Bot
Pin
Fun
1
Vi
2
V
3
ON
4
Vo
5
TR
6
Vo
1A3B Ba
nput; 12Vd
l Outline fo
e in millimeters
mm  0.5 mm
x mm  0.25 m
Top View
Side View
ttom View
nction
in +
Vin -
/OFF
out -
RIM
out +
rracuda
c, 1.3A, 15W
©
or SSTW00
s and [inches].
[x.xx in.  0.02
mm [x.xxx in  0
™ Series
W Output
©2012 General E
1A3B Surfa
in.] (unless oth
0.010 in.]
s; DC-DC
lectric Company
ace-Mount
herwise indicat
C Convert
y. All rights reserv
Module
ted)
ter Powe
ved.
Data Sh
er Modul
heet
les
Page 113


유사한 부품 번호 - SSTW001A3B

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41Z LINEAGEPOWER-SSTW003A0A41Z Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW005A0F41SRZ LINEAGEPOWER-SSTW005A0F41SRZ Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results

유사한 설명 - SSTW001A3B

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com