์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1N5820 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Bytes

๋ถ€ํ’ˆ๋ช… 1N5820
์ƒ์„ธ๋‚ด์šฉ  3.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  BYTES [Bytes]
ํ™ˆํŽ˜์ด์ง€  
Logo 

1N5820 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Bytes

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=90 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
80
2.0
20
20
-65
+125
-65
+150
A
A
V
mA
mA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
1N5820
1N5822
THRU
.500
VOLTAGE RANGE
20 to 40 Volts
CURRENT
3.0 Ampere
UNITS
Typical Thermal Resistance R JA (Note 2)
ฮธ
250
1N5820
1N5821
1N5822
.475
.525
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
V
V
V
20
30
40
20
30
40
14
21
28


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
SR3203.0 Amp Schottky Barrier Rectifiers 1 2 Comchip Technology
SMC3203.0 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
1N58203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
SM320B3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SM5820B3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SR3203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SR320P3.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
SR3203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
FBR203020 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
SK4040C40 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 DIOTEC Electronics Corporation

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn