์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1N5820 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Bytes

๋ถ€ํ’ˆ๋ช… 1N5820
์ƒ์„ธ๋‚ด์šฉ  3.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  BYTES [Bytes]
ํ™ˆํŽ˜์ด์ง€  
Logo 

1N5820 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Bytes

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (1N5820 THRU 1N5822)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
140
160
180
200
0
700
600
500
400
300
200
100
0
40
20
60
100
80
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80 100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
SR3203.0 Amp Schottky Barrier Rectifiers 1 2 Comchip Technology
SMC3203.0 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
1N58203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
SM320B3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SM5820B3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SR3203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SR320P3.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
SR3203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
FBR203020 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
SK4040C40 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 DIOTEC Electronics Corporation

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn