전자부품 데이터시트 검색엔진 |
|
LCCE-017X701 데이터시트(PDF) 1 Page - LinkCom Manufacturing Co., Ltd. |
|
LCCE-017X701 데이터시트(HTML) 1 Page - LinkCom Manufacturing Co., Ltd. |
1 / 2 page LinkCom Manufacturing Co., Ltd *,# =SEE NOTES BELOW MODEL SPECIFICATION * * * * * (6)Line regulation measured from 100VAC to 277VAC. (7)Preset accuracy measured at normal load, 120VAC input. (8)100% Production Tested. ※ ※ ※ ※ Reference norm. max. 24 Constant Current Power Supply 95mm * 40mm * 25mm LCCE-017 701 PLCCE0017 701 Model Name SIZE DC OUTPUT VOLTAGE (V) LINE REGULATION (%) *(6) OUTPUT CURRENT(A) *(5) Model NO. Part NO. SHORT CIRCUIT PROTECTION DC OUTPUT POWER INRUSH CURRENT (typ) AC CURRENT EFFICIENCY(typ @Full Load) TURN ON DELAY TIME LEAKAGE CURRENT INPUT VOLTAGE RANGE ◆ Protection: SCP / OTP / OVP -40 to +80℃ 10 to +90% 3000ms at full load 115VAC/230VAC 80% 3.5 10 90-305VAC, 127-431VDC, Normal:100-277VAC OVER TEMP. PROTECTION INPUT FREQUENCY FEATURES PRESET ACCURACY (%) *(7) O/P NOISE (P-P, V) *(3) *(8) Module : LCCE-017 701 ◆ AC Input 100~277Vac STORAGE TEMPERATURE OVER V, PROTECTION EMI TEMP. COEFFICIENT OPERATING TEMP.*(4) SAFETY RELATIVE HUMIDITY (5)Minimum load is NOT required for proper operation . NOTES:(1)All parameters not specially mentioned are measured 230VAC input. (2)All specifications Typical @25℃, unless otherwise noted, at normal line and load. (3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth. (4)Specified for free-air convection cooling. <0.7mA/264VAC Range:47-63Hz, Normal:50-60Hz DIMENSIONS ◆ Safety: Meet UL / Meet TUV / Meet PSE LCCE-017 701 ◆ Power Factor: >0.95@115VAC / >0.9@230VAC ◆ EMC: CE / FCC ◆ Comply with Indoor/Outdoor Waterproof (IP 67) 10 0.7 16.8 W The power will derate on the current limit. The OVP is latched shutdown mode. -20 to +60℃@full load 95mm * 40mm * 25mm (L*W*H) Meet UL / Meet TUV / Meet PSE The SCP will restart automaticalty after the fault condition is removed. 0.03% / ℃ (0-50℃, typ) Ver B CE EN55015 / FCC Part15 COLD START 5A @ 230VAC 0.4A/110VAC ◆ Dimension (mm): L*W*H: 95mm * 40mm * 25mm ◆ ROHS min. ◆ High Operating ambient Temp: -20℃ ~ +60℃ www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw |
유사한 부품 번호 - LCCE-017X701 |
|
유사한 설명 - LCCE-017X701 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |