전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCCE-052X132 데이터시트(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

부품명 LCCE-052X132
상세설명  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-052X132 데이터시트(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-052X132 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-052X132 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
-20 to +60℃@full load
0.03% / ℃ (0-50℃, typ)
UL 60950-1
CE EN55015 / FCC Part15
52.5 W
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor: >0.95@115VAC >0.9@230VAC
4.5
LCCE-052 132
◆ ROHS Compliant
◆ Safety: UL
◆ EMC: CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 6.42 * 1.85 * 1.24 inch
min.
163 * 47 * 31.6 mm【6.42 * 1.85 * 1.24 inch】
5
1.25
-40 to +80℃
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
SAFETY
RELATIVE HUMIDITY
DIMENSIONS(L*W*H)
FEATURES
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
Module : LCCE-052 132
◆ AC Input 90~305Vac
◆ Protection: SCP / OTP / OVP
10 to +90%
3000ms at full load 115VAC/230VAC
87%
10
0.75mA/264VAC
90-305VAC, 127-431VDC, Normal:100-277VAC
COLD START 43A @ 230VAC
OVER TEMP. PROTECTION
INPUT FREQUENCY
Range:47-63Hz, Normal:50-60Hz
0.7A/100VAC
SHORT CIRCUIT PROTECTION
The SCP, OTP and OVP will restart automaticalty after the fault condition is removed.
LEAKAGE CURRENT
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT(A) *(5)
EFFICIENCY(typ @Full Load)
TURN ON DELAY TIME
INPUT VOLTAGE RANGE
Model NO.
Part NO.
Power Supply
163 * 47 * 31.6 mm【6.42 * 1.85 * 1.24 inch】
LCCE-052 132
PLCCE0052 132
Model Name
SIZE
norm.
max.
42
◆ Dimension (L*W*H): 163 * 47 * 31.6 mm
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


유사한 부품 번호 - LCCE-052X132

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCE-052U132 LINKCOM-LCCE-052U132 Datasheet
532Kb / 4P
   Power Supply
LCCE-052U132-00 LINKCOM-LCCE-052U132-00 Datasheet
500Kb / 3P
   45W Power Supply
More results

유사한 설명 - LCCE-052X132

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com