전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCCH-100X240 데이터시트(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

부품명 LCCH-100X240
상세설명  AC Input 100~277Vac OVP / OTP / SCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-100X240 데이터시트(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-100X240 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-100X240 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 277VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
Reference
Ver B
*9
◆ ROHS
◆ Safety: UL / TUV / CB / PSE
◆ EMC: CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (mm): L*W*H: 208.4mm*72mm*38.5mm
Module : LCCH-100 240
FEATURES
I/P-O/P, I/P-FG,O/P-FG :100M Ohms / 500VDC / 25℃ / 70% RH
208.4mm*72mm*38.5mm (L*W*H)
CE EN55015 / FCC part 15
I/P-O/P:3.75KVAC, O/P-Grnd:0.5KVAC, I/P-Grnd:1.88KVAC
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
DIMENSIONS
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
OPERATING TEMP.*4
SAFETY
RELATIVE HUMIDITY
PRESET ACCURACY (%) *8
25ms at full load 115VAC/230VAC
HOLD UP TIME
◆ AC Input 100~277Vac
◆ Protection: OVP / OTP / SCP
◆ High Operating ambient Temp: -25℃ ~ +60℃
◆ Power Factor:>0.98@115Vac;>0.95@230Vac;@full load
90%
100.8 W
-40 to +80℃
10 to +90%, non-cond.
TEMP. COEFFICIENT
0.03% / ℃ (0-50℃, typ)
-25 to +60℃@full load
COLD START 65A @ 230VAC
AC CURRENT
LEAKAGE CURRENT
OVER TEMP. PROTECTION
<0.45mA/264VAC
short circuit protection will restart automatically after the fault condition is removed
SHORT CIRCUIT PROTECTION
1.7A/115VAC 0.65A/230VAC
shut down and latch off o/p voltage , re-power on to recover
OUTPUT CURRENT(A) *5
INRUSH CURRENT (typ)
DC OUTPUT POWER
PF>0.98@115VAC ; PF>0.95@230VAC at full load and rated output voltage
INPUT FREQUENCY
1
INPUT VOLTAGE RANGE
90-305VAC, 127-431VDC, Normal:100-277VAC
Range:47-63Hz, Normal:50-60Hz
max.
24
Model NO.
Part NO.
Power Supply
208.4mm*72mm*38.5mm
LCCH-100 240
PLCCH1100 240
Model Name
SIZE
O/P NOISE (P-P, mV) *3
SETUP,RISE TIME(typ.)
LCCH-100 240
norm.
1
min.
18
LOAD REGULATION (%) *6
1
UL 60950-1 / TUV EN61347-2-13 / CB / PSE
EFFICIENCY(typ @Full Load)
ACTIVE POWER FACTOR
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *7
2S,500ms at full load 115VAC/230VAC
4.2
250
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


유사한 부품 번호 - LCCH-100X240

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCH-100X120 LINKCOM-LCCH-100X120 Datasheet
444Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
More results

유사한 설명 - LCCH-100X240

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCH-100X120 LINKCOM-LCCH-100X120 Datasheet
444Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
LCCE-013X501 LINKCOM-LCCE-013X501 Datasheet
264Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X701 LINKCOM-LCCE-017X701 Datasheet
236Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-013X112 LINKCOM-LCCE-013X112 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-015X112 LINKCOM-LCCE-015X112 Datasheet
269Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X112 LINKCOM-LCCE-017X112 Datasheet
258Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X122 LINKCOM-LCCE-017X122 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X142 LINKCOM-LCCE-017X142 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-060X132 LINKCOM-LCCE-060X132 Datasheet
697Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCH-150X240 LINKCOM-LCCH-150X240 Datasheet
405Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com