전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTST-S270TGKT 데이터시트(PDF) 9 Page - Lite-On Technology Corporation

부품명 LTST-S270TGKT
상세설명  ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S270TGKT 데이터시트(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTST-S270TGKT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S270TGKT_14 Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
SamLi20120117
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTST-S270TGKT
Page :
9
of
12
BNS-OD-C131/A4
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
2. Storage
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The storage ambient for the LEDs should not exceed 30°C temperature or 60% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a
sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than a week should be baked at about 60 deg C
for at least 20 hours before solder assembly.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
4. Soldering
Recommended soldering conditions:
Reflow soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 sec. Max.
260°C Max.
10 sec. Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Soldering notes:
Because different board designs use different number and types of devices, solder pastes, reflow ovens, and
circuit boards, no single temperature profile works for all possible combinations.
However, you can successfully mount your packages to the PCB by following the proper guidelines and
PCB-specific characterization.
LITE-ON Runs both component-level verification using in-house KYRAMX98 reflow chambers and
board-level assembly.
The results of this testing are verified through post-reflow reliability testing.
Profiles used at LITE-ON are based on JEDEC standards to ensure that all packages can be successfully and
reliably surface mounted.
Figure on page3 shows a sample temperature profile compliant to JEDEC standards.
You can use this example as a generic target to set up your reflow process.
You should adhere to the JEDEC profile limits as well as specifications and recommendations from the
solder paste manufacturer to avoid damaging the device and create a reliable solder joint.


유사한 부품 번호 - LTST-S270TGKT_14

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTST-S270TGKT LITEON-LTST-S270TGKT_15 Datasheet
671Kb / 13P
   SMD LED
More results

유사한 설명 - LTST-S270TGKT_14

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTST-S271TBKT LITEON-LTST-S271TBKT Datasheet
283Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
LTST-S270TBKT LITEON-LTST-S270TBKT_14 Datasheet
339Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
LTST-S271TGKT LITEON-LTST-S271TGKT Datasheet
297Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
LTST-S220TBKT-5A LITEON-LTST-S220TBKT-5A_14 Datasheet
332Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
LTST-S221TBKT LITEON-LTST-S221TBKT Datasheet
436Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
LTST-S220TGKT LITEON-LTST-S220TGKT_14 Datasheet
327Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright InGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com