전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4117A 데이터시트(PDF) 1 Page - Calogic, LLC

부품명 2N4117A
상세설명  N-Channel JFET General Purpose Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALOGIC [Calogic, LLC]
홈페이지  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N4117A 데이터시트(HTML) 1 Page - Calogic, LLC

  2N4117A Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET
General Purpose Amplifier
2N4117 – 2N4119 / 2N4117A – 2N4119A
PN4117 – PN4119 / PN4117A – PN4119A / SST4117 – SST4119
FEATURES
•• Low Leakage
•• Low Capacitance
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +175oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4117-19/A Hermetic TO-72
-55
oC to +175oC
PN4117-19/A Plastic TO-92
-55
oC to +135oC
SST4117-19
Plastic SOT-23
-55
oC to +135oC
X2N4117-19/A Sorted Chips in Carriers
-55
oC to +175oC
CORPORATION
PIN CONFIGURATION
TO-72
G
D
C
S
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
4117/A
4118/A
4119/A
UNITS
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
BVGSS
Gate-Source Breakdown Voltage
-40
-40
-40
V
IG = -1
µA, VDS = 0
IGSS
Gate Reverse Current
-10
-10
-10
pA
A devices
-1
-1
-1
VGS = -20V, VDS = 0
-25
-25
-25
nA
TA = +150
oC
A devices
-2.5
-2.5
-2.5
VGS(off)
Gate-Source Pinch-Off Voltage
-0.6
-1.8
-1
-3
-2
-6
V
VDS = 10V, ID = 1nA
IDSS
Drain Current at Zero Gate Voltage (Note 1)
0.02 0.09 0.08 0.24 0.20 0.60
mA
VDS = 10V, VGS = 0
gfs
Common-Source Forward Transconductance (Note 1)
70
21080250
100
330
µS
VDS = 10V, f = 1kHz
gfs
Common-Source Forward Transconductance (Note 2)
60
70
90
VGS = 0, f = 30MHz
gos
Common-Source Output Conductance
35
10
VDS = 10V, VGS = 0, f = 1kHz
Ciss
Common-Source Input Capacitance (Note 2)
333
pF
VDS = 10V, VGS = 0,
f = 1MHz
Crss
Common-Source Reverse Transfer Capacitance (Note 2)
1.5
1.5
1.5
VDS = 10V, VGS = 0,
f = 1MHz
NOTES: 1. Pulse test: Pulse duration of 2ms used during test.
2. For design reference only, not 100% tested.
D S
G
TO - 92
SOT-23
G
S
D
PRODUCT MARKING (SOT-23)
SST4117
T17
SST4118
T18
SST4119
T19
5007


유사한 부품 번호 - 2N4117A

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
2N4117A LINEAR-2N4117A Datasheet
14Kb / 1P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Vishay Siliconix
2N4117A VISHAY-2N4117A Datasheet
61Kb / 5P
   N-Channel JFETs
Rev. G, 28-Jun-04
logo
RHOPOINT COMPONENTS
2N4117A RHOPOINT-2N4117A Datasheet
363Kb / 17P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
2N4117A NJSEMI-2N4117A Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Vishay Siliconix
2N4117A VISHAY-2N4117A Datasheet
74Kb / 6P
   N-Channel JFETs
Rev. G, 28-Jun-04
More results

유사한 설명 - 2N4117A

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
   N-Channel JFET General Purpose Amplifier
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
Intersil Corporation
2N5452 INTERSIL-2N5452 Datasheet
65Kb / 2P
   DUAL N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N5452 NJSEMI-2N5452 Datasheet
82Kb / 2P
   Dual N-Channel JFET General Purpose Amplifier
logo
Calogic, LLC
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Intersil Corporation
2N5902 INTERSIL-2N5902 Datasheet
68Kb / 2P
   MONOLITHIC DUAL N CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N3921 NJSEMI-2N3921 Datasheet
74Kb / 2P
   Monolithic Dual N-Channel JFET General Purpose Amplifier
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com