전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N170-71 데이터시트(PDF) 2 Page - Calogic, LLC

부품명 3N170-71
상세설명  N-Channel Enhancement Mode MOSFET Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALOGIC [Calogic, LLC]
홈페이지  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N170-71 데이터시트(HTML) 2 Page - Calogic, LLC

  3N170-71 Datasheet HTML 1Page - Calogic, LLC 3N170-71 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified) Substrate connected to source.
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
BVDSS
Drain-Source Breakdown Voltage
25
V
ID = 10
µA, VGS = 0
IGSS
Gate Leakage Current
±10
pA
VGS =
±35V, VDS = 0
100
VGS = 35V, VDS = 0, TA = 125
oC
IDSS
Zero-Gate-Voltage Drain Current
10
nA
VDS = 10V, VGS = 0
1.0
µA
TA = 125
oC
VGS(th)
Gate-Source Threshold Voltage
3N170
1.0
2.0
VVDS = 10V, ID = 10
µA
3N171
1.5
3.0
ID(on)
"ON" Drain Current
10
mA
VGS = 10V, VDS = 10V
VDS(on)
Drain-Source "ON" Voltage
2.0
V
ID = 10mA, VGS = 10V
rds(on)
Drain-Source ON Resistance
200
VGS = 10V, ID = 0, f = 1kHz
| Yfs |
Forward Transfer Admittance
1000
µS
VDS = 10V, ID = 2.0mA, f = 1kHz
Crss
Reverse Transfer Capacitance (Note 1)
1.3
pF
VDS = 0, VGS = 0, f = 1MHz
Ciss
Input Capacitance (Note 1)
5.0
VDS = 10V, VGS = 0, f = 1MHz
Cd(sub)
Drain-Substrate Capacitance (Note 1)
5.0
VD(SUB) = 10V, f = 1MHz
td(on)
Turn-On Delay Time (Note 1)
3.0
ns
VDD = 10V, ID(on) = 10mA,
VGS(on) = 10V, VGS(off) = 0,
RG = 50
tr
Rise Time (Note 1)
10
td(off)
Turn-Off Delay Time (Note 1)
3.0
tf
Fall Time (Note 1)
15
NOTE 1: For design reference only, not 100% tested.
3N170 / 3N171
CORPORATION


유사한 부품 번호 - 3N170-71

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
3N170-1 LINEAR-3N170-1 Datasheet
210Kb / 2P
   N-CHANNEL MOSFET ENHANCEMENT MODE
More results

유사한 설명 - 3N170-71

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE2973 NTE-NTE2973 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2988 NTE-NTE2988 Datasheet
24Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2944 NTE-NTE2944 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2966 NTE-NTE2966 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2394 NTE-NTE2394 Datasheet
28Kb / 3P
   MOSFET N-Channel Enhancement Mode, High Speed Switch
NTE2931 NTE-NTE2931 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2933 NTE-NTE2933 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2936 NTE-NTE2936 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com