์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CLM285-12 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Calogic, LLC

๋ถ€ํ’ˆ๋ช… CLM285-12
์ƒ์„ธ๋‚ด์šฉ  Micropower Voltage Reference Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  CALOGIC [Calogic, LLC]
ํ™ˆํŽ˜์ด์ง€  http://www.calogic.net
Logo 

CLM285-12 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Calogic, LLC

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 3 / 3 page
background image
APPLICATIONS
CLM385-1.2
OUT
1.2V
4.3k
= 2.3V TO 30V
VIN
WIDE INPUT RANGE
REFERENCE
LM334
Adustable
Current Source
CENTIGRADE THERMOMETER
LM334
OUTPUT
1mV/หšC
V
+
R
V1
V2
90k
25k
CLM385-1.2
27k
7.2k
R1
1k
2.2k
V
-
1.5V*
CALIBRATION
1. ADJUST R1 SO THAT V1 = TEMP AT 1mV/หšK
2. ADJUST V2 TO 273.2mV
Q FOR 1.3V TO 1.6V BATTERY VOLTAGE =
* I
50
ยตA TO 150 ยตA
CLM285-1.2 / CLM385-1.2
CORPORATION


Html Pages

1  2  3 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
LM185-25Micropower Voltage Reference Diode 1 2 3 4 5 MoreNational Semiconductor (TI)
AMS285-1.2MICROPOWER VOLTAGE REFERENCE DIODE 1 2 3 4 5 MoreAdvanced Monolithic Systems
AME385-2.5MICROPOWER VOLTAGE REFERENCE DIODE 1 2 3 4 5 MoreAnalog Microelectronics
AME385-12Micropower Voltage Reference Diode 1 2 3 4 5 MoreAnalog Microelectronics
CLM285-25Micropower Voltage Reference Diode 1 2 3 Calogic, LLC
AMS285-12MICROPOWER VOLTAGE REFERENCE DIODE 1 2 3 4 5 MoreAdvanced Monolithic Systems
AME385-25Micropower Voltage Reference Diode 1 2 3 4 5 MoreAnalog Microelectronics
AMS285-25MICROPOWER VOLTAGE REFERENCE DIODE 1 2 3 4 5 MoreAdvanced Monolithic Systems
AME40Micropower Voltage Reference Diode 1 2 3 4 5 MoreAnalog Microelectronics
AMS285ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE 1 2 3 4 5 MoreAdvanced Monolithic Systems

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn