전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6620TRPBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF6620TRPBF
상세설명  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6620TRPBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF6620TRPBF Datasheet HTML 1Page - International Rectifier IRF6620TRPBF Datasheet HTML 2Page - International Rectifier IRF6620TRPBF Datasheet HTML 3Page - International Rectifier IRF6620TRPBF Datasheet HTML 4Page - International Rectifier IRF6620TRPBF Datasheet HTML 5Page - International Rectifier IRF6620TRPBF Datasheet HTML 6Page - International Rectifier IRF6620TRPBF Datasheet HTML 7Page - International Rectifier IRF6620TRPBF Datasheet HTML 8Page - International Rectifier IRF6620TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6620PbF
www.irf.com
5
Fig 13c. Maximum Avalanche Energy Vs. Drain Current
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 13b. Unclamped Inductive Waveforms
Fig 13a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 12. On-Resistance Vs. Gate Voltage
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
ID
TOP
7.2A
8.4A
BOTTOM
22A
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
TJ = 25°C
TJ = 125°C
ID = 27A
1K
VCC
DUT
0
L


유사한 부품 번호 - IRF6620TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6620TRPBF IRF-IRF6620TRPBF Datasheet
239Kb / 9P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com