전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6631TRPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF6631TRPBF
상세설명  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6631TRPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF6631TRPBF Datasheet HTML 2Page - International Rectifier IRF6631TRPBF Datasheet HTML 3Page - International Rectifier IRF6631TRPBF Datasheet HTML 4Page - International Rectifier IRF6631TRPBF Datasheet HTML 5Page - International Rectifier IRF6631TRPBF Datasheet HTML 6Page - International Rectifier IRF6631TRPBF Datasheet HTML 7Page - International Rectifier IRF6631TRPBF Datasheet HTML 8Page - International Rectifier IRF6631TRPBF Datasheet HTML 9Page - International Rectifier IRF6631TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6631PbF
www.irf.com
9
DirectFET
™ Tape & Reel Dimension
(Showing component orientation).
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/06
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6631TRPBF). For 1000 parts on 7"
reel, order IRF6631TR1PBF
CODE
A
B
C
D
E
F
G
H
MAX
0.319
0.161
0.484
0.219
0.165
0.205
N.C
0.063
MIN
0.311
0.154
0.469
0.215
0.158
0.197
0.059
0.059
MAX
8.10
4.10
12.30
5.55
4.20
5.20
N.C
1.60
DIMENSIONS
METRIC
IMPERIAL
Loaded Tape Feed Direction
MIN
7.90
3.90
11.90
5.45
4.00
5.00
1.50
1.50


유사한 부품 번호 - IRF6631TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6631TRPBF IRF-IRF6631TRPBF Datasheet
253Kb / 10P
   Lead-Free (Qualified up to 260째C Reflow)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com